Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 31 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 31 Page - Intel Corporation

Back Button T2500 Datasheet HTML 27Page - Intel Corporation T2500 Datasheet HTML 28Page - Intel Corporation T2500 Datasheet HTML 29Page - Intel Corporation T2500 Datasheet HTML 30Page - Intel Corporation T2500 Datasheet HTML 31Page - Intel Corporation T2500 Datasheet HTML 32Page - Intel Corporation T2500 Datasheet HTML 33Page - Intel Corporation T2500 Datasheet HTML 34Page - Intel Corporation T2500 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
Datasheet
31
Electrical Specifications
6.
Based on simulations and averaged over the duration of any change in current. Specified by design/
characterization at nominal VCC. Not 100% tested.
7.
Measured at the bulk capacitors on the motherboard.
8.
VCC, boot tolerance is shown in Figure 3.
9.
This is a steady-state Iccp current specification, which is applicable when both VCCP and Vcc core are high.
10.
This is a power-up peak current specification, which is applicable when VCCP is high and Vcc core is low.
11.
Specified at the nominal VCC.
12.
If a given Operating System C-State model is not based on the use of MWAIT or I/O Redirection, the
processor Deeper Sleep VID will be same as LFM VID.
Table 8.
Voltage and Current Specifications for Intel Core Duo Processor LV (Low
Voltage)
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VCCHFM
VCC at Highest Frequency Mode (HFM)
1.0000
1.2125
V
1, 2, 3
VCCLFM
VCC at Lowest Frequency Mode (LFM)
0.7625
1.0000
V
1, 2, 3
VCC,BOOT
Default VCC Voltage for Initial Power Up
1.20
V
2, 8
VCCP
AGTL+ Termination Voltage
0.997
1.05
1.102
V
2
VCCA
PLL Supply Voltage
1.425
1.5
1.575
V
VCCDPRSLP
VCC at Deeper Sleep Voltage
0.55
0.85
V
1, 2, 12
VCCDC4
VCC at Intel® Enhanced Deeper Sleep
Voltage
0.50
0.80
V
1, 2
ICCDES
ICC for Intel® Core™ Duo Processor LV
19
A
5
I
CC
Icc for Intel Core Duo Processor LV
Processor
Number
Core Frequency/Voltage
L2500
L2400
L2300
N/A
1.83 GHz and HFM VCC
1.66 GHz and HFM VCC
1.50 GHz and HFM VCC
1 GHz and LFM VCC
19
19
19
15.5
A3,11
IAH,
ISGNT
ICC Auto-Halt & Stop-Grant
LFM
HFM
12.5
13.5
A3,4
ISLP
ICC Sleep
LFM
HFM
12.4
13.3
A3,4
IDSLP
ICC Deep Sleep
LFM
HFM
11.8
12.0
A3,4
IDPRSLP
ICC Deeper Sleep
7.6
A
3,4
IDC4
ICC Intel Enhanced Deeper Sleep
6.7
A
4
dICC/DT
VCC Power Supply Current Slew Rate at
CPU Package Pin
600
A/µs
6, 7
ICCA
ICC for VCCA Supply
120
mA
ICCP
ICC for VCCP Supply before VCC Stable
I
CC for VCCP Supply after V
CC Stable
6.0
2.5
A
A
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com