Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 56 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 56 Page - Intel Corporation

Back Button T2500 Datasheet HTML 52Page - Intel Corporation T2500 Datasheet HTML 53Page - Intel Corporation T2500 Datasheet HTML 54Page - Intel Corporation T2500 Datasheet HTML 55Page - Intel Corporation T2500 Datasheet HTML 56Page - Intel Corporation T2500 Datasheet HTML 57Page - Intel Corporation T2500 Datasheet HTML 58Page - Intel Corporation T2500 Datasheet HTML 59Page - Intel Corporation T2500 Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
Package Mechanical Specifications and Pin Information
56
Datasheet
SLP#
Input
SLP# (Sleep), when asserted in Stop-Grant state, causes the
processor to enter the Sleep state. During Sleep state, the
processor stops providing internal clock signals to all units, leaving
only the Phase-Locked Loop (PLL) still operating. Processors in this
state will not recognize snoops or interrupts. The processor will
recognize only assertion of the RESET# signal, deassertion of SLP#,
and removal of the BCLK input while in Sleep state. If SLP# is
deasserted, the processor exits Sleep state and returns to Stop-
Grant state, restarting its internal clock signals to the bus and
processor core units. If DPSLP# is asserted while in the Sleep state,
the processor will exit the Sleep state and transition to the Deep
Sleep state.
SMI#
Input
SMI# (System Management Interrupt) is asserted asynchronously
by system logic. On accepting a System Management Interrupt, the
processor saves the current state and enter System Management
Mode (SMM). An SMI Acknowledge transaction is issued, and the
processor begins program execution from the SMM handler.
If SMI# is asserted during the deassertion of RESET# the processor
will tristate its outputs.
STPCLK#
Input
STPCLK# (Stop Clock), when asserted, causes the processor to
enter a low power Stop-Grant state. The processor issues a Stop-
Grant Acknowledge transaction, and stops providing internal clock
signals to all processor core units except the FSB and APIC units.
The processor continues to snoop bus transactions and service
interrupts while in Stop-Grant state. When STPCLK# is deasserted,
the processor restarts its internal clock to all units and resumes
execution. The assertion of STPCLK# has no effect on the bus
clock; STPCLK# is an asynchronous input.
TCK
Input
TCK (Test Clock) provides the clock input for the processor Test Bus
(also known as the Test Access Port).
Please contact your Intel representative for termination
requirements and implementation details.
TDI
Input
TDI (Test Data In) transfers serial test data into the processor. TDI
provides the serial input needed for JTAG specification support.
Please contact your Intel representative for termination
requirements and implementation details.
TDO
Output
TDO (Test Data Out) transfers serial test data out of the processor.
TDO provides the serial output needed for JTAG specification
support.
Please contact your Intel representative for termination
requirements and implementation details.
TEST1
Input
TEST1 must have a stuffing option of separate pull-down resistor to
V
SS.
Please contact your Intel representative for more detailed
information.
TEST2
Input
TEST2 must have a 51 Ω ±5% pull-down resistor to V
SS. Please
contact your Intel representative for more details.
THERMDA
Other
Thermal Diode Anode.
THERMDC
Other
Thermal Diode Cathode.
Table 17.
Signal Description (Sheet 8 of 9)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com