Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 59 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 59 Page - Intel Corporation

Back Button T2500 Datasheet HTML 55Page - Intel Corporation T2500 Datasheet HTML 56Page - Intel Corporation T2500 Datasheet HTML 57Page - Intel Corporation T2500 Datasheet HTML 58Page - Intel Corporation T2500 Datasheet HTML 59Page - Intel Corporation T2500 Datasheet HTML 60Page - Intel Corporation T2500 Datasheet HTML 61Page - Intel Corporation T2500 Datasheet HTML 62Page - Intel Corporation T2500 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
Datasheet
59
Package Mechanical Specifications and Pin Information
Table 18.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction
A[3]#
J4
Source
Synch
Input/
Output
A[4]#
L4
Source
Synch
Input/
Output
A[5]#
M3
Source
Synch
Input/
Output
A[6]#
K5
Source
Synch
Input/
Output
A[7]#
M1
Source
Synch
Input/
Output
A[8]#
N2
Source
Synch
Input/
Output
A[9]#
J1
Source
Synch
Input/
Output
A[10]#
N3
Source
Synch
Input/
Output
A[11]#
P5
Source
Synch
Input/
Output
A[12]#
P2
Source
Synch
Input/
Output
A[13]#
L1
Source
Synch
Input/
Output
A[14]#
P4
Source
Synch
Input/
Output
A[15]#
P1
Source
Synch
Input/
Output
A[16]#
R1
Source
Synch
Input/
Output
A[17]#
Y2
Source
Synch
Input/
Output
A[18]#
U5
Source
Synch
Input/
Output
A[19]#
R3
Source
Synch
Input/
Output
A[20]#
W6
Source
Synch
Input/
Output
A[21]#
U4
Source
Synch
Input/
Output
A[22]#
Y5
Source
Synch
Input/
Output
A[23]#
U2
Source
Synch
Input/
Output
A[24]#
R4
Source
Synch
Input/
Output
A[25]#
T5
Source
Synch
Input/
Output
A[26]#
T3
Source
Synch
Input/
Output
A[27]#
W3
Source
Synch
Input/
Output
A[28]#
W5
Source
Synch
Input/
Output
A[29]#
Y4
Source
Synch
Input/
Output
A[30]#
W2
Source
Synch
Input/
Output
A[31]#
Y1
Source
Synch
Input/
Output
A20M#
A6
CMOS
Input
ADS#
H1
Common
Clock
Input/
Output
ADSTB[0]
#
L2
Source
Synch
Input/
Output
ADSTB[1]
#
V4
Source
Synch
Input/
Output
BCLK[0]
A22
Bus Clock
Input
BCLK[1]
A21
Bus Clock
Input
BNR#
E2
Common
Clock
Input/
Output
BPM[0]#
AD4
Common
Clock
Input/
Output
BPM[1]#
AD3
Common
Clock
Output
BPM[2]#
AD1
Common
Clock
Output
Table 18.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com