Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 19 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 19 Page - Intel Corporation

Back Button T2500 Datasheet HTML 15Page - Intel Corporation T2500 Datasheet HTML 16Page - Intel Corporation T2500 Datasheet HTML 17Page - Intel Corporation T2500 Datasheet HTML 18Page - Intel Corporation T2500 Datasheet HTML 19Page - Intel Corporation T2500 Datasheet HTML 20Page - Intel Corporation T2500 Datasheet HTML 21Page - Intel Corporation T2500 Datasheet HTML 22Page - Intel Corporation T2500 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
Datasheet
19
Low Power Features
entry resulting in the processor either executing for a longer time at the lowest
operating point or running idle at a high operating point. Observations and analyses
show this behavior should not significantly impact total power savings or performance
score while providing power benefits in most other cases.
2.4
FSB Low Power Enhancements
The processor incorporates FSB low power enhancements:
• Dynamic FSB Power Down
• BPRI# control for address and control input buffers
• Dynamic Bus Parking
• Dynamic On Die Termination disabling
• Low VCCP (I/O termination voltage)
The Intel Core Duo processor and Intel Core Solo processor incorporate the DPWR#
signal that controls the data bus input buffers on the processor. The DPWR# signal
disables the buffers when not used and activates them only when data bus activity
occurs, resulting in significant power savings with no performance impact. BPRI#
control also allows the processor address and control input buffers to be turned off
when the BPRI# signal is inactive. Dynamic Bus Parking allows a reciprocal power
reduction in chipset address and control input buffers when the processor deasserts its
BR0# pin. The On Die Termination on the processor FSB buffers is disabled when the
signals are driven low, resulting in additional power savings. The low I/O termination
voltage is on a dedicated voltage plane independent of the core voltage, enabling low
I/O switching power at all times.
2.5
Processor Power Status Indicator (PSI#) Signal
The Intel Core Duo processor and Intel Core Solo processor incorporate the PSI# signal
that is asserted when the processor is in a reduced power consumption state. PSI# can
be used to improve intermediate and light load efficiency of the voltage regulator,
resulting in platform power savings and improved battery life. The algorithm that the
Intel Core Duo processor and Intel Core Solo processor use for determining when to
assert PSI# is different from the algorithm used in previous Intel® Pentium® M
processors.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com