Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 75 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 75 Page - Intel Corporation

Back Button T2500 Datasheet HTML 71Page - Intel Corporation T2500 Datasheet HTML 72Page - Intel Corporation T2500 Datasheet HTML 73Page - Intel Corporation T2500 Datasheet HTML 74Page - Intel Corporation T2500 Datasheet HTML 75Page - Intel Corporation T2500 Datasheet HTML 76Page - Intel Corporation T2500 Datasheet HTML 77Page - Intel Corporation T2500 Datasheet HTML 78Page - Intel Corporation T2500 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 91 page
background image
Datasheet
75
Package Mechanical Specifications and Pin Information
H24
VSS
Power/Other
H25
D[15]#
Source
Synch
Input/
Output
H26
D[12]#
Source
Synch
Input/
Output
J1
A[9]#
Source
Synch
Input/
Output
J2
VSS
Power/Other
J3
REQ[3]#
Source
Synch
Input/
Output
J4
A[3]#
Source
Synch
Input/
Output
J5
VSS
Power/Other
J6
VCCP
Power/Other
J21
VCCP
Power/Other
J22
VSS
Power/Other
J23
D[11]#
Source
Synch
Input/
Output
J24
D[10]#
Source
Synch
Input/
Output
J25
VSS
Power/Other
J26
DINV[0]#
Source
Synch
Input/
Output
K1
VSS
Power/Other
K2
REQ[2]#
Source
Synch
Input/
Output
K3
REQ[0]#
Source
Synch
Input/
Output
K4
VSS
Power/Other
K5
A[6]#
Source
Synch
Input/
Output
K6
VCCP
Power/Other
K21
VCCP
Power/Other
K22
D[14]#
Source
Synch
Input/
Output
K23
VSS
Power/Other
Table 19.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction
K24
D[8]#
Source
Synch
Input/
Output
K25
D[17]#
Source
Synch
Input/
Output
K26
VSS
Power/Other
L1
A[13]#
Source
Synch
Input/
Output
L2
ADSTB[0]
#
Source
Synch
Input/
Output
L3
VSS
Power/Other
L4
A[4]#
Source
Synch
Input/
Output
L5
REQ[4]#
Source
Synch
Input/
Output
L6
VSS
Power/Other
L21
VSS
Power/Other
L22
D[21]#
Source
Synch
Input/
Output
L23
D[22]#
Source
Synch
Input/
Output
L24
VSS
Power/Other
L25
D[20]#
Source
Synch
Input/
Output
L26
D[29]#
Source
Synch
Input/
Output
M1
A[7]#
Source
Synch
Input/
Output
M2
VSS
Power/Other
M3
A[5]#
Source
Synch
Input/
Output
M4
RSVD
Reserved
M5
VSS
Power/Other
M6
VCCP
Power/Other
M21
VCCP
Power/Other
M22
VSS
Power/Other
Table 19.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com