Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 73 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 73 Page - Intel Corporation

Back Button T2500 Datasheet HTML 69Page - Intel Corporation T2500 Datasheet HTML 70Page - Intel Corporation T2500 Datasheet HTML 71Page - Intel Corporation T2500 Datasheet HTML 72Page - Intel Corporation T2500 Datasheet HTML 73Page - Intel Corporation T2500 Datasheet HTML 74Page - Intel Corporation T2500 Datasheet HTML 75Page - Intel Corporation T2500 Datasheet HTML 76Page - Intel Corporation T2500 Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
Datasheet
73
Package Mechanical Specifications and Pin Information
C20
DBR#
CMOS
Output
C21
BSEL[2]
CMOS
Output
C22
VSS
Power/Other
C23
RSVD
Reserved
C24
RSVD
Reserved
C25
VSS
Power/Other
C26
TEST1
Test
D1
VSS
Power/Other
D2
RSVD
Reserved
D3
RSVD
Reserved
D4
VSS
Power/Other
D5
STPCLK#
CMOS
Input
D6
PWRGOOD
CMOS
Input
D7
SLP#
CMOS
Input
D8
VSS
Power/Other
D9
VCC
Power/Other
D10
VCC
Power/Other
D11
VSS
Power/Other
D12
VCC
Power/Other
D13
VSS
Power/Other
D14
VCC
Power/Other
D15
VCC
Power/Other
D16
VSS
Power/Other
D17
VCC
Power/Other
D18
VCC
Power/Other
D19
VSS
Power/Other
D20
IERR#
Open Drain
Output
D21
PROCHOT
#
Open Drain
Input/
Output
D22
RSVD
Reserved
D23
VSS
Power/Other
Table 19.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction
D24
DPWR#
Common
Clock
Input
D25
TEST2
Test
D26
VSS
Power/Other
E1
DBSY#
Common
Clock
Input/
Output
E2
BNR#
Common
Clock
Input/
Output
E3
VSS
Power/Other
E4
HITM#
Common
Clock
Input/
Output
E5
DPRSTP#
CMOS
Input
E6
VSS
Power/Other
E7
VCC
Power/Other
E8
VSS
Power/Other
E9
VCC
Power/Other
E10
VCC
Power/Other
E11
VSS
Power/Other
E12
VCC
Power/Other
E13
VCC
Power/Other
E14
VSS
Power/Other
E15
VCC
Power/Other
E16
VSS
Power/Other
E17
VCC
Power/Other
E18
VCC
Power/Other
E19
VSS
Power/Other
E20
VCC
Power/Other
E21
VSS
Power/Other
E22
D[0]#
Source
Synch
Input/
Output
E23
D[7]#
Source
Synch
Input/
Output
E24
VSS
Power/Other
Table 19.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com