Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 72 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 72 Page - Intel Corporation

Back Button T2500 Datasheet HTML 68Page - Intel Corporation T2500 Datasheet HTML 69Page - Intel Corporation T2500 Datasheet HTML 70Page - Intel Corporation T2500 Datasheet HTML 71Page - Intel Corporation T2500 Datasheet HTML 72Page - Intel Corporation T2500 Datasheet HTML 73Page - Intel Corporation T2500 Datasheet HTML 74Page - Intel Corporation T2500 Datasheet HTML 75Page - Intel Corporation T2500 Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
Package Mechanical Specifications and Pin Information
72
Datasheet
AF14
VCC
Power/Other
AF15
VCC
Power/Other
AF16
VSS
Power/Other
AF17
VCC
Power/Other
AF18
VCC
Power/Other
AF19
VSS
Power/Other
AF20
VCC
Power/Other
AF21
VSS
Power/Other
AF22
D[62]#
Source
Synch
Input/
Output
AF23
D[56]#
Source
Synch
Input/
Output
AF24
VSS
Power/Other
AF25
D[61]#
Source
Synch
Input/
Output
AF26
D[63]#
Source
Synch
Input/
Output
B1
RESET#
Common
Clock
Input
B2
RSVD
Reserved
B3
INIT#
CMOS
Input
B4
LINT1
CMOS
Input
B5
DPSLP#
CMOS
Input
B6
VSS
Power/Other
B7
VCC
Power/Other
B8
VSS
Power/Other
B9
VCC
Power/Other
B10
VCC
Power/Other
B11
VSS
Power/Other
B12
VCC
Power/Other
B13
VSS
Power/Other
B14
VCC
Power/Other
B15
VCC
Power/Other
Table 19.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction
B16
VSS
Power/Other
B17
VCC
Power/Other
B18
VCC
Power/Other
B19
VSS
Power/Other
B20
VCC
Power/Other
B21
VSS
Power/Other
B22
BSEL[0]
CMOS
Output
B23
BSEL[1]
CMOS
Output
B24
VSS
Power/Other
B25
RSVD
Reserved
B26
VCCA
Power/Other
C1
RSVD
Reserved
C2
VSS
Power/Other
C3
RSVD
Reserved
C4
IGNNE#
CMOS
Input
C5
VSS
Power/Other
C6
LINT0
CMOS
Input
C7
THERMTRI
P#
Open Drain
Output
C8
VSS
Power/Other
C9
VCC
Power/Other
C10
VCC
Power/Other
C11
VSS
Power/Other
C12
VCC
Power/Other
C13
VCC
Power/Other
C14
VSS
Power/Other
C15
VCC
Power/Other
C16
VSS
Power/Other
C17
VCC
Power/Other
C18
VCC
Power/Other
C19
VSS
Power/Other
Table 19.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com