Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 32 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 32 Page - Intel Corporation

Back Button T2500 Datasheet HTML 28Page - Intel Corporation T2500 Datasheet HTML 29Page - Intel Corporation T2500 Datasheet HTML 30Page - Intel Corporation T2500 Datasheet HTML 31Page - Intel Corporation T2500 Datasheet HTML 32Page - Intel Corporation T2500 Datasheet HTML 33Page - Intel Corporation T2500 Datasheet HTML 34Page - Intel Corporation T2500 Datasheet HTML 35Page - Intel Corporation T2500 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
Electrical Specifications
32
Datasheet
NOTES:
1.
Each processor is programmed with a maximum valid voltage identification value (VID), which is set at
manufacturing and cannot be altered. Individual maximum VID values are calibrated during manufacturing
such that two processors at the same frequency may have different settings within the VID range. Note
that this differs from the VID employed by the processor during a power management event (Intel Thermal
Monitor 2, Enhanced Intel SpeedStep Technology, or C1E).
2.
The voltage specifications are assumed to be measured across VCCSENSE and VSSSENSE pins at socket with a
100-MHz bandwidth oscilloscope, 1.5-pF maximum probe capacitance, and 1-MΩ minimum impedance.
The maximum length of ground wire on the probe should be less than 5 mm. Ensure external noise from
the system is not coupled in the scope probe.
3.
Specified at 100°C Tj.
4.
Specified at the VID voltage.
5.
The ICCDES(max) specification of 19 A comprehends only Intel Core Duo processor LV HFM frequencies.
6.
Based on simulations and averaged over the duration of any change in current. Specified by design/
characterization at nominal VCC. Not 100% tested.
7.
Measured at the bulk capacitors on the motherboard.
8.
VCC, boot tolerance is shown in Figure 3.
9.
This is a steady-state Iccp current specification, which is applicable when both VCCP and VCC core are high.
10.
This is a power-up peak current specification, which is applicable when VCCP is high and VCC core is low.
11.
Specified at the nominal VCC.
12.
If a given Operating System C-State model is not based on the use of MWAIT or I/O Redirection, the
processor Deeper Sleep VID will be same as LFM VID.
Table 9.
Voltage and Current Specifications Intel Core Duo Processor Ultra Low Voltage
(ULV) (Sheet 1 of 2)
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VCCHFM
VCC at Highest Frequency Mode (HFM)
0.85
1.1
V
1, 2
VCCLFM
VCCat Lowest Frequency Mode (LFM)
0.8
1.0
V
1, 2
VCC,BOOT
Default VCC Voltage for Initial Power Up
1.20
V
2, 7, 9
VCCP
AGTL+ Termination Voltage
0.997
1.05
1.102
V
2
VCCA
PLL Supply Voltage
1.425
1.5
1.575
V
VCCDPRSLP
VCC at Deeper Sleep voltage
0.55
0.85
V
1, 2, 13
VCCDC4
VCC at Intel® Enhanced Deeper Sleep Voltage
0.5
0.8
V
ICCDES
ICC for Intel® Core™ Duo Processor ULV
14
A
5
I
CC
Icc for Intel Core Duo Processor ULV
Processor
Number
Core Frequency/Voltage
U2500
U2400
N/A
1.20 GHz and HFM VCC
1.06 GHz and HFM VCC
800 MHz and LFM VCC
13.9
13.9
10.5
A3, 12
IAH,
ISGNT
ICC Auto-Halt & Stop-Grant
LFM
HFM
5.4
6.4
A3,4
ISLP
ICC Sleep
LFM
HFM
5.3
6.3
A3,4
IDSLP
ICC Deep Sleep
LFM
HFM
4.8
5.4
A3,4
IDPRSLP
ICC Deeper Sleep
3.6
A
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com