Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 46 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 46 Page - Intel Corporation

Back Button T2500 Datasheet HTML 42Page - Intel Corporation T2500 Datasheet HTML 43Page - Intel Corporation T2500 Datasheet HTML 44Page - Intel Corporation T2500 Datasheet HTML 45Page - Intel Corporation T2500 Datasheet HTML 46Page - Intel Corporation T2500 Datasheet HTML 47Page - Intel Corporation T2500 Datasheet HTML 48Page - Intel Corporation T2500 Datasheet HTML 49Page - Intel Corporation T2500 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
Package Mechanical Specifications and Pin Information
46
Datasheet
4.1.2
Processor Component Keep-Out Zones
The processor may contain components on the substrate that define component keep-
out zone requirements. A thermal and mechanical solution design must not intrude into
the required keep-out zones. Decoupling capacitors are typically mounted in the keep-
out areas. The location and quantity of the capacitors may change, but will remain
within the component keep-in. See Figure 7 and Figure 9 for keep-out zones.
4.1.3
Package Loading Specifications
Maximum mechanical package loading specifications are given in Figure 7 and Figure 9.
These specifications are static compressive loading in the direction normal to the
processor. This maximum load limit should not be exceeded during shipping conditions,
standard use condition, or by thermal solution. In addition, there are additional load
limitations against transient bend, shock, and tensile loading. These limitations are
more platform specific, and should be obtained by contacting your field support.
Moreover, the processor package substrate should not be used as a mechanical
reference or load-bearing surface for thermal and mechanical solution.
4.1.4
Processor Mass Specifications
The typical mass of the processor is given in Figure 7 and Figure 9. This mass includes
all the components that are included in the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com