Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 41 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 41 Page - Intel Corporation

Back Button T2500 Datasheet HTML 37Page - Intel Corporation T2500 Datasheet HTML 38Page - Intel Corporation T2500 Datasheet HTML 39Page - Intel Corporation T2500 Datasheet HTML 40Page - Intel Corporation T2500 Datasheet HTML 41Page - Intel Corporation T2500 Datasheet HTML 42Page - Intel Corporation T2500 Datasheet HTML 43Page - Intel Corporation T2500 Datasheet HTML 44Page - Intel Corporation T2500 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
Datasheet
41
Package Mechanical Specifications and Pin Information
4
Package Mechanical
Specifications and Pin
Information
4.1
Package Mechanical Specifications
The Intel Core Duo processor and Intel Core Solo processor are available in 478-pin
Micro-FCPGA and 479-ball Micro-FCBGA packages. The package mechanical dimensions
are shown in Figure 7 through Figure 10. Table 15 (two sheets) shows a top-view of
package pin-out with their functionalities.
Warning:
The Micro-FCBGA package incorporates land-side capacitors. The land-side capacitors
are electrically conductive, care should be taken to avoid contacting the capacitors with
other electrically conductive materials on the motherboard. Doing so may short the
capacitors, and possibly damage the device or render it inactive.
4.1.1
Package Mechanical Drawings
Different views showing all pertinent dimensions of the Micro-FCPGA package are
shown in Figure 7 and continued in Figure 8. Views and pertinent dimensions for Micro-
FCBGA package are shown in Figure 9 and continued in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com