Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 24 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 24 Page - Intel Corporation

Back Button T2500 Datasheet HTML 20Page - Intel Corporation T2500 Datasheet HTML 21Page - Intel Corporation T2500 Datasheet HTML 22Page - Intel Corporation T2500 Datasheet HTML 23Page - Intel Corporation T2500 Datasheet HTML 24Page - Intel Corporation T2500 Datasheet HTML 25Page - Intel Corporation T2500 Datasheet HTML 26Page - Intel Corporation T2500 Datasheet HTML 27Page - Intel Corporation T2500 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
Electrical Specifications
24
Datasheet
3.4
Catastrophic Thermal Protection
The processor supports the THERMTRIP# signal for catastrophic thermal protection. An
external thermal sensor should also be used to protect the processor and the system
against excessive temperatures. Even with the activation of THERMTRIP#, which halts
all processor internal clocks and activity, leakage current can be high enough such that
the processor cannot be protected in all conditions without the removal of power to the
processor. If the external thermal sensor detects a catastrophic processor temperature
of 125°C (maximum), or if the THERMTRIP# signal is asserted, the VCC supply to the
processor must be turned off within 500 ms to prevent permanent silicon damage due
to thermal runaway of the processor.
101
1100
0.3500
101
1101
0.3375
101
1110
0.3250
101
1111
0.3125
110
0000
0.3000
110
0001
0.2875
110
0010
0.2750
110
0011
0.2625
110
0100
0.2500
110
0101
0.2375
110
0110
0.2250
110
0111
0.2125
110
1000
0.2000
110
1001
0.1875
110
1010
0.1750
110
1011
0.1625
110
1100
0.1500
110
1101
0.1375
110
1110
0.1250
110
1111
0.1125
111
0000
0.1000
111
0001
0.0875
111
0010
0.0750
111
0011
0.0625
111
0100
0.0500
111
0101
0.0375
111
0110
0.0250
111
0111
0.0125
Table 2.
Voltage Identification Definition (Sheet 4 of 4)
VID6
VID5
VID4
VID3
VID2
VID1
VID0
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com