Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 47 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 47 Page - Intel Corporation

Back Button T2500 Datasheet HTML 43Page - Intel Corporation T2500 Datasheet HTML 44Page - Intel Corporation T2500 Datasheet HTML 45Page - Intel Corporation T2500 Datasheet HTML 46Page - Intel Corporation T2500 Datasheet HTML 47Page - Intel Corporation T2500 Datasheet HTML 48Page - Intel Corporation T2500 Datasheet HTML 49Page - Intel Corporation T2500 Datasheet HTML 50Page - Intel Corporation T2500 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
Datasheet
47
Package Mechanical Specifications and Pin Information
4.2
Processor Pinout and Pin List
Table 15 shows the top view pinout of the processor. The pin list arranged in two
different formats is shown in the following pages.
Table 15.
The Coordinates of the Processor Pins as Viewed from the Top of the Package
(Sheet 1 of 2)
1
2
3
4
5
6789
10
11
12
13
A
SMI#
VSS
FERR#
A20M#
VCC
VSS
VCC
VCC
VSS
VCC
VCC
A
B
RESET#
RSVD
INIT#
LINT1
DPSLP#
VSS
VCC
VSS
VCC
VCC
VSS
VCC
VSS
B
C
RSVD
VSS
RSVD
IGNNE
#
VSS
LINT0
THERM
TRIP#
VSS
VCC
VCC
VSS
VCC
VCC
C
D
VSS
RSVD
RSVD
VSS
STPCLK
#
PWRGO
OD
SLP#
VSS
VCC
VCC
VSS
VCC
VSS
D
E
DBSY#
BNR#
VSS
HITM#
DPRSTP
#
VSS
VCC
VSS
VCC
VCC
VSS
VCC
VCC
E
F
BR0#
VSS
RS[0]#
RS[1]#
VSS
RSVD
VCC
VSS
VCC
VCC
VSS
VCC
VSS
F
G
VSS
TRDY#
RS[2]#
VSS
BPRI#
HIT#
G
H
ADS#
REQ[1]
#
VSS
LOCK#
DEFER#
VSS
H
J
A[9]#
VSS
REQ[3]
#
A[3]#
VSS
VCCP
J
K
VSS
REQ[2]
#
REQ[0]
#
VSS
A[6]#
VCCP
K
L
A[13]#
ADSTB[
0]#
VSS
A[4]#
REQ[4]
#
VSS
L
M
A[7]#
VSS
A[5]#
RSVD
VSS
VCCP
M
N
VSS
A[8]#
A[10]#
VSS
RSVD
VCCP
N
P
A[15]#
A[12]#
VSS
A[14]#
A[11]#
VSS
P
R
A[16]#
VSS
A[19]#
A[24]#
VSS
VCCP
R
T
VSS
RSVD
A[26]#
VSS
A[25]#
VCCP
T
U
COMP[2]
A[23]#
VSS
A[21]#
A[18]#
VSS
U
V
COMP[3]
VSS
RSVD
ADSTB
[1]#
VSS
VCCP
V
W
VSS
A[30]#
A[27]#
VSS
A[28]#
A[20]#
W
Y
A[31]#
A[17]#
VSS
A[29]#
A[22]#
VSS
Y
AA
RSVD
VSS
RSVD
RSVD
VSS
TDI
VCC
VSS
VCC
VCC
VSS
VCC
VCC
AA
AB
VSS
RSVD
TDO
VSS
TMS
TRST#
VCC
VSS
VCC
VCC
VSS
VCC
VSS
AB
AC
PREQ#
PRDY#
VSS
BPM[3]
#
TCK
VSS
VCC
VSS
VCC
VCC
VSS
VCC
VCC
AC
AD
BPM[2]#
VSS
BPM[1]
#
BPM[0]
#
VSS
VID[0]
VCC
VSS
VCC
VCC
VSS
VCC
VSS
AD
AE
VSS
VID[6]
VID[4]
VSS
VID[2]
PSI#
VSS
SENSE
VSS
VCC
VCC
VSS
VCC
VCC
AE
AF
RSVD
VID[5]
VSS
VID[3]
VID[1]
VSS
VCC
SENSE
VSS
VCC
VCC
VSS
VCC
VSS
AF
1
2
3
4
5
6789
10
11
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com