Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 35 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 35 Page - Intel Corporation

Back Button T2500 Datasheet HTML 31Page - Intel Corporation T2500 Datasheet HTML 32Page - Intel Corporation T2500 Datasheet HTML 33Page - Intel Corporation T2500 Datasheet HTML 34Page - Intel Corporation T2500 Datasheet HTML 35Page - Intel Corporation T2500 Datasheet HTML 36Page - Intel Corporation T2500 Datasheet HTML 37Page - Intel Corporation T2500 Datasheet HTML 38Page - Intel Corporation T2500 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
Datasheet
35
Electrical Specifications
Figure 3.
Active VCC and ICC Loadline for Intel Core Duo Processor (SV, LV & ULV) and
Intel Core Solo Processor SV
I
CC max {HFM|LFM}
V
CC [V]
V
CC nom {HFM|LFM}
+/-V
CC nom * 1.5%
= VR St. Pt. Error 1/
V
CC, DC min {HFM|LFM}
V
CC, DC max {HFM|LFM}
V
CC max {HFM|LFM}
V
CC min {HFM|LFM}
10mV= RIPPLE
I
CC [A]
0
Slope = -2.1 mV/A at package
VccSense, VssSense pins.
Differential Remote Sense required.
Note 1/ V
CC Set Point Er ror Tolerance is per below:
Tolerance
V
CC Act i ve Mode VI D Code Range
--------------- --------------------------------------------------------
+/-1.5%
V
CC > 0. 7500V (VI D 0111100).
+/-11.5mV
V
CC < 0. 7500V (VI D 0111100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com