Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 82 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 82 Page - Intel Corporation

Back Button T2500 Datasheet HTML 78Page - Intel Corporation T2500 Datasheet HTML 79Page - Intel Corporation T2500 Datasheet HTML 80Page - Intel Corporation T2500 Datasheet HTML 81Page - Intel Corporation T2500 Datasheet HTML 82Page - Intel Corporation T2500 Datasheet HTML 83Page - Intel Corporation T2500 Datasheet HTML 84Page - Intel Corporation T2500 Datasheet HTML 85Page - Intel Corporation T2500 Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
Thermal Specifications and Design Considerations
82
Datasheet
NOTES:
1.
The TDP specification should be used to design the processor thermal solution. The TDP is
not the maximum theoretical power the processor can generate.
2.
Not 100% tested. These power specifications are determined by characterization of the
processor currents at higher temperatures and extrapolating the values for the
temperature indicated.
3.
As measured by the activation of the on-die Intel Thermal Monitor. The Intel Thermal
Monitor’s automatic mode is used to indicate that the maximum TJ has been reached.
Refer to Section 5.1 for more details.
4.
The Intel Thermal Monitor automatic mode must be enabled for the processor to operate
within specification.
Table 22.
Power Specifications for the Intel Core Duo Processor LV (Low Voltage)
Symbol
Processor
Number
Core Frequency
& Voltage
Thermal Design
Power
Unit
Notes
TDP
L2500
L2400
L2300
N/A
1.83 GHz & HFM VCC
1.66 GHz & HFM VCC
1.50 GHz & HFM VCC
1.00 GHz & LFM VCC
15
15
15
13.1
W
At 100°C
Notes 1, 4
Symbol
Parameter
Min
Typ
Max
Unit
Notes
PAH,
PSGNT
Auto Halt, Stop Grant Power
at HFM VCC
at LFM VCC
6.0
4.8
W
At 50°C
Note 2
PSLP
Sleep Power
at HFM VCC
at LFM VCC
5.8
4.7
W
At 50°C
Note 2
PDSLP
Deep Sleep Power
at HFM VCC
at LFM VCC
5.7
3.4
W
At 35°C
Note 2
PDPRSLP
Deeper Sleep Power
2.2
W
At 35°C
Note 2
PDC4
Intel® Enhanced Deeper Sleep Power
1.8
W
At 35°C
Note 2
TJ
Junction Temperature
0
100
°CNotes 3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com