Electronic Components Datasheet Search
  English  ▼

X  

TLC5949PWPR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949PWPR
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949PWPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLC5949PWPR Datasheet HTML 27Page - Texas Instruments TLC5949PWPR Datasheet HTML 28Page - Texas Instruments TLC5949PWPR Datasheet HTML 29Page - Texas Instruments TLC5949PWPR Datasheet HTML 30Page - Texas Instruments TLC5949PWPR Datasheet HTML 31Page - Texas Instruments TLC5949PWPR Datasheet HTML 32Page - Texas Instruments TLC5949PWPR Datasheet HTML 33Page - Texas Instruments TLC5949PWPR Datasheet HTML 34Page - Texas Instruments TLC5949PWPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
TLC5949
www.ti.com
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
Table 7. Function Control Data Latch Bit Description (continued)
DEFAULT
BIT
BIT
VALUE
NUMBER
NAME
(Binary)
DESCRIPTION
Invisible detection mode (IDM) enable bit
0 = Disabled, 1 = Enabled
When this bit is '0', IDM is disabled. Therefore, LOD and LSD check LED status
only at power-up.
When this bit is '1', LOD and LSD check LED status with very small current
129
IDMENA
—
sinking at OUTn in a specific display segment. LOD and LSD can be checked
even if OUTn is off. The current value is set by the IDMCUR bits (bits 132, 131)
and the time is set by the LATTMG bits (bits 128, 127) in the function control
data latch. Furthermore, the IDM operation is repeated every display period
with auto display mode enabled when the IDMRPT bit (bit 130) is set to '1'.
When the device is powered on, this bit is random.
Invisible detection mode (IDM) repeat bit
0 = Not repeated, 1 = Repeated
When this bit is '0', IDM is not repeated. Therefore, LOD and LSD check LED
status only one time after the BLANK bit is changed from '1' to '0'. Otherwise,
LAT is input for a GS write when TMGRST is '1' or the GS counter is reset at
130
IDMRPT
—
power-up only one time at the time programmed by LATTMG. IDM is disabled
when IDMENA is set to '0' even if this bit is '1'.
When this bit is '1', IDM operation is repeated every display period with the auto
display mode enabled. LOD and LSD check LED status at OUTn every display
period even if OUTn is off. When the device is powered on, this bit is random.
Invisible detection mode (IDM) current select bits
The OUTn sink current for IDM can be selected with these bits. Refer to
131, 132
IDMCUR
—
Table 11 for the IDM sink current truth table. When the device is powered on,
these bits are random.
Output leak detection mode (OLD) enable bit
0 = Disabled, 1 = Enabled
When this bit is '0', OLD is not checked and all OLD bits in the status
information data (SID) are set to '0'. OLD data are loaded into the OLD data
latch at the 4095th GS clock. OLD data in SID may show the result of the
previous display period, depending on the LAT input timing.
133
OLDENA
—
When this bit is '1', OLD checks the LED status with a small current sourced
through OUTn in a display segment. OLD only checks OUTn with GS data set
to '0'. When OUTn current leakage is detected, the OLD bit that corresponds to
the leaking output is set to '1' in the SID. When IDMENA is '1', OLD operation is
disabled even if the OLDENA bit is set to '1' because OLD cannot obtain a
correct result when IDM is enabled. When the device is powered on, this bit is
random.
Power-save mode (PSM) selection bits
The power-save mode is selected with these bits. Refer to Table 12 and
134-136
PSMODE
111
Table 13 for the PSM truth tables. When the device is powered on, these bits
are all set to '1'.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com