Electronic Components Datasheet Search
  English  ▼

X  

TLC5949PWPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949PWPR
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949PWPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLC5949PWPR Datasheet HTML 23Page - Texas Instruments TLC5949PWPR Datasheet HTML 24Page - Texas Instruments TLC5949PWPR Datasheet HTML 25Page - Texas Instruments TLC5949PWPR Datasheet HTML 26Page - Texas Instruments TLC5949PWPR Datasheet HTML 27Page - Texas Instruments TLC5949PWPR Datasheet HTML 28Page - Texas Instruments TLC5949PWPR Datasheet HTML 29Page - Texas Instruments TLC5949PWPR Datasheet HTML 30Page - Texas Instruments TLC5949PWPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
Lower 137 Bits of 192 Bits
SOUT
SCLK
SIN
Common Shift Register (193Bits)
MSB
Lower 192 Bits
1
2
3
4
5
187
188
189
190
191
192
Latch
Select
Bit
Common
Data Bit
191
Common
Data Bit
190
Common
Data Bit
189
Common
Data Bit
188
Common
Data Bit
187
Common
Data Bit
5
Common
Data Bit
4
Common
Data Bit
3
Common
Data Bit
2
Common
Data Bit
1
This latch pulse
comes from the
LAT pin when the
MSB of the Common
Shift Register is ‘1’.
LSB
0
Common
Data Bit
0
192 Bits
First Grayscale (GS) Data Latch (192 Bits)
MSB
191
48
180
GS Data for OUT15
OUT15
Bit 15
OUT15
Bit 0
OUT3
Bit 0
32
47
OUT2
Bit 15
OUT2
Bit 0
GS Data for OUT2
16
31
OUT1
Bit 15
OUT1
Bit 0
GS Data for OUT1
LSB
0
15
OUT0
Bit 15
OUT0
Bit 0
GS Data for OUT0
This latch pulse comes
from the LAT pin when
the MSB of the Common
Shift Register is '0'.
192 Bits
Second Grayscale (GS) Data Latch (192 Bits)
MSB
191
48
180
GS Data for OUT15
OUT15
Bit 15
OUT15
Bit 0
OUT3
Bit 0
32
47
OUT2
Bit 15
OUT2
Bit 0
GS Data for OUT2
16
31
OUT1
Bit 15
OUT1
Bit 0
GS Data for OUT1
LSB
0
15
OUT0
Bit 15
OUT0
Bit 0
GS Data for OUT0
The 4096th GSCLK is used
to latch the data when the
Auto Display Repeat is
enabled or when the BLANK bit
is set to '1'.
192 Bits
To GS Timing Control Circuit
Second Control Data Latch (119 Bits)
7 Bits
112 Bits
13-7
20-14
27-21
97-91
104-98
111-105
MSB
118-112
90-84
BC
Bits[6:0]
for OUTn
To
Global Brightness
Control Circuit
No
Applied
Bits
LSB
6-0
The 4096th GSCLK is used
to latch the data when the
Auto Display Repeat is
enabled or when the BLANK bit
is set to '1'.
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
BC,
7 Bits
112 Reserved Bits (Write '1' to All Bits)
First Control Data Latch (137 Bits)
18 Bits
MSB
136-119
13-7
20-14
27-21
97-91
104-98
111-105
118-112
FC,
18 Bits
90-84
FUNC
Bits
17-0
BC
Bits[6:0]
for OUTn
To
Function
Control Circuit
LSB
6-0
RSV
Bits
(1)
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
BC,
7 Bits
112
Bits (Write ‘1’ to All Bits)
Reserved
119 Bits
TLC5949
www.ti.com
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
REGISTER AND DATA LATCH CONFIGURATION
The TLC5949 has one common shift register and two pairs of data latches: the first and second grayscale (GS)
data latches and the first and second control data latches. The common shift register is 193 bits long and the GS
data latches are 192 bits long in total. The first control data latch is 137 bits long and the second latch is 119 bits
long. When the common shift register MSB is '0', the least significant 256 bits from the common shift register are
latched into the first GS data latch. When the MSB is '1', the data are latched into the first control data latch.
Figure 27 shows the common shift register and latch configurations.
(1) RSV = reserved.
Figure 27. Common Shift Register and Control Data Latches Configuration
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com