Electronic Components Datasheet Search
  English  ▼

X  

TLC5949PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949PWPR
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TLC5949PWPR Datasheet HTML 1Page - Texas Instruments TLC5949PWPR Datasheet HTML 2Page - Texas Instruments TLC5949PWPR Datasheet HTML 3Page - Texas Instruments TLC5949PWPR Datasheet HTML 4Page - Texas Instruments TLC5949PWPR Datasheet HTML 5Page - Texas Instruments TLC5949PWPR Datasheet HTML 6Page - Texas Instruments TLC5949PWPR Datasheet HTML 7Page - Texas Instruments TLC5949PWPR Datasheet HTML 8Page - Texas Instruments TLC5949PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
¼
SIN
SCLK
LAT
GSCLK
SOUT
GND
VCC
Device 1
VCC
¼
¼
¼
SIN
SCLK
LAT
GSCLK
R
IREF
IREF
SOUT
Device n
OUT0
OUT15
DATA
SCLK
GSCLK
¼
R
IREF
IREF
Controller
GND
VCC
VCC
3
LAT
¼
¼
OUT0
OUT15
¼
DataRead
VLED
TLC5949
www.ti.com
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for
7-Bit Global BC LED Lamp
Check for Samples: TLC5949
1
FEATURES
2
•
16 Constant-Current Sink Output Channels
•
Pre-Thermal Warning (PTW)
•
Sink Current Capability with
•
Four-Channel Grouped Delay Switching to
Maximum BC Data: 2 mA to 45 mA
Prevent Inrush Current
•
Global Brightness Control (BC):
•
Operating Temperature: –40°C to +85°C
–
7-Bit (128 Steps) with 25% to 100% Range
APPLICATIONS
•
Grayscale Control (GS) with Enhanced
•
LED Video Displays
Spectrum or Conventional PWM:
•
LED Signboards
–
12-Bit (4096 Steps)
•
LED Power-Supply Voltage: Up to 10 V
DESCRIPTION
•
VCC: 3.0 V to 3.6 V
The TLC5949 is a 16-channel, constant-current sink
•
Constant-Current Accuracy:
LED driver. Each channel has an individually-
–
Channel-to-Channel: ±0.6% (typ), ±2% (max)
adjustable, pulse width modulation (PWM) grayscale
(GS) brightness control with 4096 steps. All channels
–
Device-to-Device: ±1% (typ), ±4% (max)
have a 128-step global brightness control (BC). BC
•
Data Transfer Rate: 33 MHz
adjusts brightness deviation with other LED drivers.
•
Grayscale Control Clock: 33 MHz
GS and BC data are accessible with a serial interface
port.
•
Auto Display Repeat and Auto Data Refresh
•
Display Timing Reset
The TLC5949 has six error flags: LED open detection
(LOD), LED short detection (LSD), output leakage
•
Power-Save Mode to Minimize VCC Current
detection (OLD), reference current terminal short flag
•
LOD and LSD with Invisible Detection
detection (ISF), pre-thermal warning (PTW), and
Mode (IDM)
thermal error flag (TEF). The error detection results
•
Output Leakage Detection (OLD)
can be read with a serial interface port.
•
Current Reference Terminal Short Flag (ISF)
•
Thermal Shutdown (TSD) and Error Flag (TEF)
Typical Application Circuit (Multiple Daisy-Chained TLC5949s)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5949PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI2-TLC59401 Datasheet
1Mb / 36P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
DECEMBER 2009
TLC59401PWP TI-TLC59401PWP Datasheet
930Kb / 29P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Similar Description - TLC5949PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC59291 TI1-TLC59291_15 Datasheet
800Kb / 45P
TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
48-Channel, 16-Bit ES-PWM LED Driver
TLC5929 TI1-TLC5929_16 Datasheet
1Mb / 43P
16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode, and Full Self-Diagnosis for LED Lamp
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com