Electronic Components Datasheet Search
  English  ▼

X  

TLC5949PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949PWPR
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TLC5949PWPR Datasheet HTML 1Page - Texas Instruments TLC5949PWPR Datasheet HTML 2Page - Texas Instruments TLC5949PWPR Datasheet HTML 3Page - Texas Instruments TLC5949PWPR Datasheet HTML 4Page - Texas Instruments TLC5949PWPR Datasheet HTML 5Page - Texas Instruments TLC5949PWPR Datasheet HTML 6Page - Texas Instruments TLC5949PWPR Datasheet HTML 7Page - Texas Instruments TLC5949PWPR Datasheet HTML 8Page - Texas Instruments TLC5949PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
I
at V
= 0.8 V
OLC
OUT
n
n
(I
at V
= 3 V)
(I
at V
= 0.8 V)
OLC
OUTn
-
n
n
n
OLC
OUT
D (%/V) =
´
3 V
0.8 V
-
100
I
at V
= 3 V
OLC
CC
n
(I
at V
= 3.6 V)
(I
at V
= 3 V)
OLC
OLC
CC
n
n
CC
-
D (%/V) =
´
3.6 V
3 V
-
100
127
3/4 BC
I
=
OUTn
I
´ OLCMax
4
1
+
D (%) = 100 ´
Ideal Output Current
- Ideal Output Current
(I
+ I
+ ... I
+ I
)
OLC0
OLC1
OLC14
OLC15
16
D (%) = 100 ´
- 1
I
OLCn
I
+ I
+ ... + I
+ I
OLC0
OLC1
OLC15
OLC14
16
TLC5949
www.ti.com
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C and VCC = 3 V to 3.6 V, unless otherwise noted. Typical values are at TA = +25°C and VCC = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Constant-current error
All OUTn = on, BC = 7Fh, VOUTn = VOUTfix = 0.8 V,
ΔIOLC0
(channel-to-channel,
RIREF = 1.1 kΩ, TA = +25°C
±0.6
±2
%
OUT0 to OUT15)(2)
(IOUTn = 46.1-mA target)
Constant-current error
All OUTn = on, BC = 7Fh, VOUTn = VOUTfix = 0.8 V,
ΔIOLC1
(device-to-device,
RIREF = 1.1 kΩ, TA = +25°C
±1
±4
%
OUT0 to OUT15)(3)
(IOUTn = 46.1-mA target)
VCC = 3.0 V to 3.6 V, all OUTn = on, BC = 7Fh,
Line regulation
ΔIOLC2
VOUTn = VOUTfix = 0.8 V, RIREF = 1.1 kΩ
±0.1
±1
%/V
(OUT0 to OUT15)(4)
(IOUTn = 46.1-mA target)
All OUTn = on, BC = 7Fh, VOUTn = 0.8 V to 3.0 V,
Load regulation
ΔIOLC3
VOUTfix = 0.8 V, RIREF = 1.1 kΩ
±0.1
±1
%/V
(OUT0 to OUT15)(5)
(IOUTn = 46.1-mA target)
TTEF
Thermal error flag threshold
Junction temperature(6)
150
165
180
°C
THYS
Thermal error flag hysteresis
Junction temperature(6)
5
10
20
°C
TPTW
Pre-thermal warning threshold
Junction temperature(6)
125
138
150
°C
(2)
The deviation of each output from the OUT0 to OUT15 constant-current average. Deviation is calculated by the formula:
where n = 0 to 15.
(3)
Deviation of the OUT0 to OUT15 constant-current average from the ideal constant-current value. Deviation is calculated by the formula:
Ideal current is calculated by the formula:
(4)
Line regulation is calculated by the formula:
where n = 0 to 15.
(5)
Load regulation is calculated by the equation:
where n = 0 to 15.
(6)
Not tested; specified by design.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com