Electronic Components Datasheet Search
  English  ▼

X  

TLC5949PWPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949PWPR
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949PWPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC5949PWPR Datasheet HTML 28Page - Texas Instruments TLC5949PWPR Datasheet HTML 29Page - Texas Instruments TLC5949PWPR Datasheet HTML 30Page - Texas Instruments TLC5949PWPR Datasheet HTML 31Page - Texas Instruments TLC5949PWPR Datasheet HTML 32Page - Texas Instruments TLC5949PWPR Datasheet HTML 33Page - Texas Instruments TLC5949PWPR Datasheet HTML 34Page - Texas Instruments TLC5949PWPR Datasheet HTML 35Page - Texas Instruments TLC5949PWPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
TLC5949
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
Table 8. LOD Threshold Voltage Truth Table
LODVLT
BIT 124
BIT 123
LED OPEN DETECTION (LOD) THRESHOLD VOLTAGE
0
0
VLOD0 (0.3 V, typ)
0
1
VLOD1 (0.6 V, typ)
1
0
VLOD2 (0.9 V, typ)
1
1
VLOD3 (1.2 V, typ)
Table 9. LSD Threshold Voltage Truth Table
LSDVLT
BIT 126
BIT 125
LED SHORT DETECTION (LSD) THRESHOLD VOLTAGE
0
0
VLSD0 (0.35 × VCC, typ)
0
1
VLSD1 (0.45 × VCC, typ)
1
0
VLSD2 (0.55 × VCC, typ)
1
1
VLSD3 (0.65 × VCC, typ)
Table 10. LOD and LSD Data Latch Time Truth Table
LATTMG
BIT 128
BIT 127
LOD and LSD DATA LATCH TIMING
0
0
17th GSCLK after BLANK bit is changed to '0' or GS counter is reset.(1)
0
1
33rd GSCLK after BLANK bit is changed to '0' or GS counter is reset.(1)
1
0
65th GSCLK after BLANK bit is changed to '0' or GS counter is reset.(1)
1
1
129th GSCLK after BLANK bit is changed to '0' or GS counter is reset.(1)
(1)
When DSPRPT is '1' and IDMRPT is '0', the resulting LOD and LSD data are loaded to the LOD and LSD data latch only one time after
new GS data are written into the second GS data latch.
Table 11. IDM Sink Current Truth Table
IDMCUR
BIT 132
BIT 131
INVISIBLE DETECTION MODE (IDM) SINK CURRENT
0
0
2
μA (typ)
0
1
10
μA (typ)
1
0
20
μA (typ)
1
1
1 mA (typ)
32
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com