Electronic Components Datasheet Search
  English  ▼

X  

TLC5949PWPR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949PWPR
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949PWPR Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLC5949PWPR Datasheet HTML 31Page - Texas Instruments TLC5949PWPR Datasheet HTML 32Page - Texas Instruments TLC5949PWPR Datasheet HTML 33Page - Texas Instruments TLC5949PWPR Datasheet HTML 34Page - Texas Instruments TLC5949PWPR Datasheet HTML 35Page - Texas Instruments TLC5949PWPR Datasheet HTML 36Page - Texas Instruments TLC5949PWPR Datasheet HTML 37Page - Texas Instruments TLC5949PWPR Datasheet HTML 38Page - Texas Instruments TLC5949PWPR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
TLC5949
www.ti.com
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
Table 14. SID Load Description (continued)
COMMON SHIFT
REGISTER BIT NUMBER
LOADED SID DESCRIPTION
Output leakage detection (OLD) data bit for OUT8 to OUT15. The 8-bit data bit assignment of the output
channel is:
Bit 132 = OUT8 OLD
Bit 133 = OUT9 OLD
Bits[139:132]
…
Bit 138 = OUT14 OLD
Bit 139 = OUT15 OLD
0 = Normal operation (default)
1 = Output current leaks to GND when the output is off
Bits[143:140]
Reserved data. These four bits of data are not set and can be either '0' or '1'.
LED short detection (LSD) data bit for OUT0 to OUT7. The 8-bit data bit assignment of the output channel is:
Bit 144 = OUT0 LSD
Bit 145 = OUT1 LSD
…
Bits[151:144]
Bit 150 = OUT6 LSD
Bit 151 = OUT7 LSD
0 = Normal operation (default)
1 = LED is shorted
Bits[155:152]
Reserved data. These four bits of data are not set and can be either '0' or '1'.
LED short detection (LSD) data bit for OUT8 to OUT15. The 8-bit data bit assignment of the output channel is:
Bit 156 = OUT8 LSD
Bit 157 = OUT9 LSD
…
Bits[163:156]
Bit 162 = OUT14 LSD
Bit 163 = OUT15 LSD
0 = Normal operation (default)
1 = LED is shorted
Bits[167:164]
Reserved data. These four bits of data are not set and can be either '0' or '1'.
LED open detection (LOD) data bit for OUT0 to OUT7. The 8-bit data bit assignment of the output channel is:
Bit 168 = OUT0 LOD
Bit 169 = OUT1 LOD
…
Bits[175:168]
Bit 174 = OUT6 LOD
Bit 175 = OUT7 LOD
0 = Normal operation (default)
1 = LED is open or connected to GND with low resistance
Bits[179:176]
Reserved data. These four bits of data are not set and can be either '0' or '1'.
LED open detection (LOD) data bit for OUT8 to OUT15. The 8-bit data bit assignment of the output channel is:
Bit 180 = OUT8 LOD
Bit 181 = OUT9 LOD
…
Bits[187:180]
Bit 186 = OUT14 LOD
Bit 187 = OUT15 LOD
0 = Normal operation (default)
1 = LED is open or connected to GND with low resistance
Bits[191:188]
Reserved data. These four bits of data are not set and can be either '0' or '1'.
Bit 192
No data loaded
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com