Electronic Components Datasheet Search
  English  ▼

X  

TLC5949PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949PWPR
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5949PWPR Datasheet HTML 2Page - Texas Instruments TLC5949PWPR Datasheet HTML 3Page - Texas Instruments TLC5949PWPR Datasheet HTML 4Page - Texas Instruments TLC5949PWPR Datasheet HTML 5Page - Texas Instruments TLC5949PWPR Datasheet HTML 6Page - Texas Instruments TLC5949PWPR Datasheet HTML 7Page - Texas Instruments TLC5949PWPR Datasheet HTML 8Page - Texas Instruments TLC5949PWPR Datasheet HTML 9Page - Texas Instruments TLC5949PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
TLC5949
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
SWITCHING CHARACTERISTICS (See Figure 4, Figure 5, and Figure 8 through Figure 11)
At TA = –40°C to +85°C, VCC = 3 V to 3.6 V, CL = 15 pF, RL = 82 Ω, RIREF = 1.1 kΩ, and VLED = 5.0 V, unless otherwise noted.
Typical values are at VCC = 3.3 V and TA = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tR0
SOUT
5
ns
Rise time
tR1
OUTn and BC = 7Fh
13
ns
tF0
SOUT
5
ns
Fall time
tF1
OUTn and BC = 7Fh
23
ns
tD0
SCLK
↑ to SOUT↑↓
15
25
ns
tD1
LAT
↑ for BLANK = 1 and OUT0, OUT7, OUT8, and OUT15 off
40
75
ns
tD2
GSCLK
↑ to OUT0, OUT7, OUT8, and OUT15 on/off with BC = 7Fh
5
36
65
ns
tD3
GSCLK
↑ to OUT1, OUT6, OUT9, and OUT14 on/off with BC = 7Fh
20
62
97
ns
tD4
GSCLK
↑ to OUT2, OUT5, OUT10, and OUT13 on/off with BC = 7Fh
35
88
129
ns
Propagation delay
tD5
GSCLK
↑ to OUT3, OUT4, OUT11, and OUT12 on/off with BC = 7Fh
50
114
161
ns
LAT
↑ to power-save mode by writing data for OUTn off with BLANK = 1
tD6
200
ns
and PSMODE = 110
SCLK
↑ to normal mode with PSMODE = 101 or LAT ↑ to normal mode
tD7
50
µs
by writing GS data for OUTn on with BLANK = 1 and PSMODE = 110
tOUTON – tGSCLK, GSn = 001h, GSCLK = 33 MHz,
tON_ERR
Output on-time error(1)
–20
10
ns
BC = 7Fh, TA = +25°C
(1)
Output on-time error (tON_ERR) is calculated by the formula: tON_ERR = tOUT_ON – tGSCLK. tOUTON is the actual on-time of the constant-
current driver. tGSCLK is the GSCLK period.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com