Electronic Components Datasheet Search
  English  ▼

X  

TLC5949PWPR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949PWPR
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949PWPR Datasheet(HTML) 38 Page - Texas Instruments

Back Button TLC5949PWPR Datasheet HTML 34Page - Texas Instruments TLC5949PWPR Datasheet HTML 35Page - Texas Instruments TLC5949PWPR Datasheet HTML 36Page - Texas Instruments TLC5949PWPR Datasheet HTML 37Page - Texas Instruments TLC5949PWPR Datasheet HTML 38Page - Texas Instruments TLC5949PWPR Datasheet HTML 39Page - Texas Instruments TLC5949PWPR Datasheet HTML 40Page - Texas Instruments TLC5949PWPR Datasheet HTML 41Page - Texas Instruments TLC5949PWPR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
2 A, 10 A, 20
m
m
mA,
or 1 mA
OUT Current for IDM
n
'0'
193-Bit Common Shift
Register Data
(Internal)
SID Loaded Into Common Shift Register
GS Data
LAT
'1'
LOD
XXXh
LOD
XXXh
LOD
000h
LOD
XXXh
LOD data are not stable immediately after OUT turn on.
n
LOD and LSD Data Latch
(Internal)
16-Bit LOD and LSD
Circuit Output Data
(Internal)
LOD and LSD Old Data
LOD
XXXh
0 A
m
LOD, LSD
000h
LOD
XXXh
0 A
m
2 A, 10 A, 20
m
m
mA
LOD and LSD data latch updated with latest
data at the clock time selected by LATTMG bit.
OUT Current
for PWM Control
n
(GSDATA = FFFh)
0 mA
0 mA
(2)
Programmed
Output Current
BLANK Bit
in Control Data Latch
(Internal)
1
2 3
5
4
16 17 18 19 20
4093
4095
4094
4096
1
2
3
5
4
LOD
XXXh
Control Data
Unknown
'1'
TMGRST Bit
in Control Data Latch
(Internal)
(1)
Internal BLANK is generated when the LAT
signal is input because display timing reset is enabled.
Control data write
latch signal.
GS data write latch signal.
(3)
TLC5949
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
(1) Set the current with the external resistor and BC data.
(2) Select the output current with the IDMCUR bit in the control data latch.
(3) Select clock time with the LATTMG bit in the control data latch.
Figure 32. PWM Operation Timing
38
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com