Electronic Components Datasheet Search
  English  ▼

X  

TLC5949PWPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949PWPR
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949PWPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC5949PWPR Datasheet HTML 10Page - Texas Instruments TLC5949PWPR Datasheet HTML 11Page - Texas Instruments TLC5949PWPR Datasheet HTML 12Page - Texas Instruments TLC5949PWPR Datasheet HTML 13Page - Texas Instruments TLC5949PWPR Datasheet HTML 14Page - Texas Instruments TLC5949PWPR Datasheet HTML 15Page - Texas Instruments TLC5949PWPR Datasheet HTML 16Page - Texas Instruments TLC5949PWPR Datasheet HTML 17Page - Texas Instruments TLC5949PWPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
TLC5949
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
PIN DESCRIPTIONS
PIN
NAME
NO.
I/O
DESCRIPTION
GND
1
—
Power ground
Grayscale (GS) pulse width modulation (PWM) reference clock control for OUTn.
When BLANK = 0, each GSCLK rising edge increments the GS counter for PWM control.
GSCLK
21
I
When BLANK = 1, all constant-current outputs (OUT0 to OUT15) are forced off, the GS counter is reset
to '0', and the GS PWM timing controller is initialized.
Reference current terminal.
A resistor connected between IREF to GND sets the maximum current for all constant-current outputs.
IREF
23
I/O
When IREF is shorted to GND with low resistance, all constant-current outputs are forced off and the
IREF short flag (ISF) bit in the status information data (SID) is set to '1'.
The LAT rising edge either latches the data from the 193-bit common shift register into the first GS data
latch when the common shift register MSB is '0' or latches the data into the first control data latch when
the common shift register MSB is '1'.
LAT
4
I
When the display timing reset bit (TMGRST) in the first control data latch is '1', the GS counter is
initialized at the LAT signal for GS data writes. At the same time, the data in the 193-bit common shift
register are copied to the first and second GS data latches simultaneously and the BC data in the first
control data latch are copied to the second data latch.
OUT0
5
O
OUT1
6
O
OUT2
7
O
OUT3
8
O
OUT4
9
O
OUT5
10
O
OUT6
11
O
Constant-current outputs.
OUT7
12
O
Multiple outputs can be configured in parallel to increase the constant-current capability.
OUT8
13
O
Different voltages can be applied to each output.
OUT9
14
O
OUT10
15
O
OUT11
16
O
OUT12
17
O
OUT13
18
O
OUT14
19
O
OUT15
20
O
Serial data shift clock.
Data present on SIN are shifted to the 193-bit common shift register LSB with the SCLK rising edge. Data
SCLK
3
I
in the shift register are shifted towards the MSB at each SCLK rising edge.
The common shift register MSB appears on SOUT.
SIN
2
I
193-bit common shift register serial data input.
193-bit common shift register serial data output.
LED open detection (LOD), LED short detection (LSD), output leak detection (OLD), thermal error flag
SOUT
22
O
(TEF), and the IREF pin short flag (ISF) bits can be read out with SOUT as SID after the LAT rising edge.
SOUT is connected to the 193-bit common shift register MSB. Data are clocked out at the SCLK rising
edge.
VCC
24
—
Power-supply voltage
14
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com