Electronic Components Datasheet Search
  English  ▼

X  

TLC5949PWPR Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949PWPR
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949PWPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLC5949PWPR Datasheet HTML 37Page - Texas Instruments TLC5949PWPR Datasheet HTML 38Page - Texas Instruments TLC5949PWPR Datasheet HTML 39Page - Texas Instruments TLC5949PWPR Datasheet HTML 40Page - Texas Instruments TLC5949PWPR Datasheet HTML 41Page - Texas Instruments TLC5949PWPR Datasheet HTML 42Page - Texas Instruments TLC5949PWPR Datasheet HTML 43Page - Texas Instruments TLC5949PWPR Datasheet HTML 44Page - Texas Instruments TLC5949PWPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
TLC5949
www.ti.com
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
THERMAL SHUTDOWN (TSD) AND THERMAL ERROR FLAG (TEF)
The TSD function turns off all constant-current outputs on the device when the junction temperature (TJ) exceeds
the threshold (TTEF = +165°C, typ) and sets TEF to '1'. All outputs are latched off when TEF is set to '1' and
remain off at least until the next GS cycle starts and the junction temperature drops below (TTEF – THYST). TEF
remains '1' until a LAT rising edge occurs and the temperature is reduced. TEF is set to '0' when the junction
temperature drops below (TTEF – THYST), but the output does not turn on until the first GSCLK in the next display
period occurs even if TEF is set to '0'. See Figure 34 for a timing diagram; refer to Table 15 for the TEF truth
table.
NOISE REDUCTION
Large surge currents may flow through the device and the board on which the device is mounted if all 16 outputs
turn on simultaneously at the start of each GS cycle. These large current surges could introduce detrimental
noise and electromagnetic interference (EMI) into other circuits. The TLC5949 independently turns the outputs on
with a delay for each group to provide a soft-start feature. The output current sinks are grouped into four groups
in each color group. The first output group that is turned on/off are OUT0, OUT7, OUT8, and OUT15; the second
output group is OUT1, OUT6, OUT9, and OUT14; the third output group is OUT2, OUT5, OUT10, and OUT13;
and the fourth output group is OUT3, OUT4, OUT11, and OUT12. Each output group is turned on and off
sequentially with a small delay between the groups. However, each output on/off is controlled by the GS clock.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com