Electronic Components Datasheet Search
  English  ▼

X  

TLC5949PWPR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949PWPR
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949PWPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC5949PWPR Datasheet HTML 16Page - Texas Instruments TLC5949PWPR Datasheet HTML 17Page - Texas Instruments TLC5949PWPR Datasheet HTML 18Page - Texas Instruments TLC5949PWPR Datasheet HTML 19Page - Texas Instruments TLC5949PWPR Datasheet HTML 20Page - Texas Instruments TLC5949PWPR Datasheet HTML 21Page - Texas Instruments TLC5949PWPR Datasheet HTML 22Page - Texas Instruments TLC5949PWPR Datasheet HTML 23Page - Texas Instruments TLC5949PWPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
TLC5949
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
Table 3 summarizes the GS data values versus the output on-time duty cycle. When the device powers up, the
BLANK bit in the first control data latch is set to '1'. The 193-bit common shift register and the first and second
GS data latches contain random data. Therefore, GS data must be written to the GS latches before the BLANK
bit is set to '0'. All constant-current outputs are off when the BLANK bit is '1'.
Table 3. Output Duty Cycle and On-Time versus GS Data
GS DATA
GS DATA
DECIMAL
HEX
ON-TIME DUTY (%)
DECIMAL
HEX
ON-TIME DUTY (%)
0
000h
0
2048
800h
50.001
1
001h
0.002
2049
801h
50.002
2
002h
0.003
2050
802h
50.004
3
003h
0.005
2051
803h
50.005
—
—
—
—
—
—
511
1FFh
12.499
2559
9FFh
62.499
512
200h
12.500
2560
A00h
62.501
513
201h
12.502
2561
A01h
62.502
—
—
—
—
—
—
1023
3FFh
24.999
3071
BFFh
74.997
1024
400h
25.000
3072
C00h
74.998
1025
401h
25.002
3073
C01h
75.000
—
—
—
—
—
—
1535
5FFh
37.499
3583
DFFh
87.500
1536
600h
37.501
3584
E00h
87.501
1537
601h
37.502
3585
E01h
87.503
—
—
—
—
—
—
2045
7FDh
49.996
4093
FFDh
99.997
2046
7FEh
49.998
4094
FFEh
99.998
2047
7FFh
49.999
4095
FFFh
100.000
Conventional PWM Control
In this PWM control, the GS clock is enabled when the BLANK bit is set to '0'. The first GS clock rising edge after
the BLANK bit is set to '0' increments the GS counter by one and switches on all outputs with a non-zero GS
value programmed into the second GS data latch. Each additional GS clock rising edge increases the
corresponding GS counter by one.
The GS counter keeps track of the number of clock pulses from the GS clock inputs. Each output stays on while
the counter is less than or equal to the programmed GS value. Each output turns off at the GS counter value
rising edge when the counter becomes greater than the output GS latch value. Figure 22 illustrates the
conventional PWM operation.
20
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com