Electronic Components Datasheet Search
  English  ▼

X  

TLC5949PWPR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949PWPR
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949PWPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLC5949PWPR Datasheet HTML 30Page - Texas Instruments TLC5949PWPR Datasheet HTML 31Page - Texas Instruments TLC5949PWPR Datasheet HTML 32Page - Texas Instruments TLC5949PWPR Datasheet HTML 33Page - Texas Instruments TLC5949PWPR Datasheet HTML 34Page - Texas Instruments TLC5949PWPR Datasheet HTML 35Page - Texas Instruments TLC5949PWPR Datasheet HTML 36Page - Texas Instruments TLC5949PWPR Datasheet HTML 37Page - Texas Instruments TLC5949PWPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
SCLK
SIN
LSB
MSB
Common Shift Register (193 Bits)
SOUT
SID are loaded to the
common shift register
at the LAT rising edge
when the common
shift register MSB is ‘0’.
Reserved
H[3:0]
LOD
Data
OUT[15:8]
OLD
Data
OUT[15:8]
Reserved
D[3:0]
LSD
Data
OUT[7:0]
Reserved
E[3:0]
LSD
Data
OUT[15:8]
Reserved
F[3:0]
LOD
Data
OUT[7:0]
Reserved
G[3:0]
Reserved
B[3:0]
OLD
Data
OUT[7:0]
Reserved
C[3:0]
Reserved
A[112:0]
TEF
PTW
ISF
Common
Data Bits
[191:188]
Common
Data Bits
[187:180]
Common
Data Bits
[139:132]
Common
Data Bits
[143:140]
Common
Data Bits
[151:144]
Common
Data Bits
[155:152]
Common
Data Bits
[163:156]
Common
Data Bits
[167:164]
Common
Data Bits
[175:168]
Common
Data Bits
[179:176]
Common
Data Bits
[119:116]
Common
Data Bits
[127:120]
Common
Data Bits
[131:128]
Common
Data Bits
[112:0]
Common
Data Bits
[115:113]
Common
Data Bit
192
TLC5949
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
STATUS INFORMATION DATA (SID)
The status information data (SID) contain the status of the LED open detection (LOD), LED short detection
(LSD), output leakage detection (OLD), pre-thermal warning (PTW), thermal error flag (TEF), and IREF short flag
(ISF). When the LAT rising edge for a GS data write is input, the SID overwrite the common shift register data
after the data in the common shift register are copied to the GS latch. If the common shift register MSB is '1', the
SID data are not copied to the common shift register.
After being copied into the common shift register, new SID data cannot be copied until at least one new bit of
data is written into the common shift register. Otherwise, the LAT signal is ignored. To recheck SID without
changing the GS data, reprogram the common shift register with the same data currently programmed into the
GS latch. When LAT goes high, the GS data do not change, but the SID data are loaded into the common shift
register. LOD, LSD, OLD, PTW, TEF, and ISF are shifted out of SOUT with each SCLK rising edge. The SID
load configuration and SID read timing are shown in Figure 30 and Table 14, respectively.
Figure 30. SID Load Configuration
Table 14. SID Load Description
COMMON SHIFT
REGISTER BIT NUMBER
LOADED SID DESCRIPTION
Bits[112:0]
Reserved data. These 113 bits of data are not set and can be '0' or '1'.
IREF short flag (ISF) data; 1-bit data.
Bit 113
0 = Normal operation (default)
1 = IREF terminal connected to GND with low resistance
Pre-thermal warning (PTW) data; 1-bit data.
Bit 114
0 = Normal operation (default)
1 = Higher temperature condition than the detected PTW temperature range
Thermal error flag (TEF) data; 1-bit data.
Bit 115
0 = Normal operation (default)
1 = Higher temperature condition than the detected TEF temperature range
Bits[119:116]
Reserved data. These four bits of data are not set and can be either '0' or '1'.
Output leakage detection (OLD) data bit for OUT0 to OUT7. The 8-bit data bit assignment of the output channel
is:
Bit 120 = OUT0 OLD
Bit 121 = OUT1 OLD
Bits[127:120]
…
Bit 126 = OUT6 OLD
Bit 127 = OUT7 OLD
0 = Normal operation (default)
1 = LED current leaks to GND when the output is off
Bits[131:128]
Reserved data. These four bits of data are not set and can be either '0' or '1'.
34
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com