Electronic Components Datasheet Search
  English  ▼

X  

TLC5949PWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949PWPR
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949PWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5949PWPR Datasheet HTML 6Page - Texas Instruments TLC5949PWPR Datasheet HTML 7Page - Texas Instruments TLC5949PWPR Datasheet HTML 8Page - Texas Instruments TLC5949PWPR Datasheet HTML 9Page - Texas Instruments TLC5949PWPR Datasheet HTML 10Page - Texas Instruments TLC5949PWPR Datasheet HTML 11Page - Texas Instruments TLC5949PWPR Datasheet HTML 12Page - Texas Instruments TLC5949PWPR Datasheet HTML 13Page - Texas Instruments TLC5949PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
RSV
t
D5
t
D4
t
D3
t
D2
t
D0
t
WH1
GS0
1B
4095
t
WL1
RSV
GS0
0A
GS15
15B
t
GSCLK
t
WH2
GSCLK
SIN
OUT0,
7
8
15
OUT ,
OUT , OUT
ON
OFF
LAT
Grayscale Data
In First GS Data Latch
(Internal)
SOUT
ON
OFF
ON
OFF
ON
OFF
t
SU0
t
SU1
t
H0
t , t
R0
F0
t
F1
Low
GS15
14B
GS15
13B
GS15
12B
GS0
0B
GS0
2B
GS0
3B
RSV
RSV
RSV
RSV
(1)
RSV
RSV
RSV
RSV
RSV
RSV
LOD
15
LOD
14
LOD
13
1
2
3
4
5
6
Old Data
New Data
SCLK
1
190
191
192
2
3
4
5
t
WL0
1
2
3
4
5
6
7
t
H1
t
WH0
ON
OFF
ON
OFF
ON
OFF
ON
OFF
t
D2
t
D3
t
D4
t
D5
t
, t
SU2
SU3
t
OUTON
(2)
t
OUTON
t
OUTON
t
OUTON
Display Timing Reset Enabled, Auto Display Repeat Disabled, All GS Data Are FFFh
(V
)
OUTnH
(V
)
OUTnL
GS Data Write
Low
BLANK Bit
In First Control Data Latch
(Internal)
t
R1
OUT1
6
9
14
, OUT ,
OUT , OUT
OUT2
5
10
13
, OUT ,
OUT
, OUT
OUT3
4
11
12
, OUT ,
OUT
, OUT
Display Timing Reset Enabled, Auto Display Repeat Disabled, All GS Data Are 001h
Data = 0
Low
GS15
15C
GS15
14C
GS15
13C
GS15
12C
GS15
11C
GS15
10C
Low
GS Data Write
OUT0
7
8
15
, OUT ,
OUT , OUT
OUT1
6
9
14
, OUT ,
OUT , OUT
OUT2
5
10
13
, OUT ,
OUT
, OUT
OUT3
4
11
12
, OUT ,
OUT
, OUT
4094
193
t
D0
4096
t
D5
t
D4
t
D3
t
D2
Grayscale Data
In Second GS Data Latch
(Internal)
Old Data
New Data
The data in the 193-bit common shift register are copied
to the first and second GS data latches when the display
timing reset is enabled.
TLC5949
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
(1) RSV = reserved.
(2) tOUTON refers to tON_ERR = tOUTON – tGSCLK.
Figure 9. Grayscale Data Write Timing
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com