Electronic Components Datasheet Search
  English  ▼

X  

TLC5949PWPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949PWPR
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949PWPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC5949PWPR Datasheet HTML 8Page - Texas Instruments TLC5949PWPR Datasheet HTML 9Page - Texas Instruments TLC5949PWPR Datasheet HTML 10Page - Texas Instruments TLC5949PWPR Datasheet HTML 11Page - Texas Instruments TLC5949PWPR Datasheet HTML 12Page - Texas Instruments TLC5949PWPR Datasheet HTML 13Page - Texas Instruments TLC5949PWPR Datasheet HTML 14Page - Texas Instruments TLC5949PWPR Datasheet HTML 15Page - Texas Instruments TLC5949PWPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
NV
(2)
t
SU1
t
D0
191
192
193
t
H1
t
WH1
SCLK
SIN
185
186
187
188
189
190
LAT
BC Data
In First Control Data Latch
(Internal)
SOUT
t
WH0
t
WL0
t
SU0
t
H0
RSV
7A
RSV
6A
RSV
8A
RSV
5A
RSV
4A
RSV
3A
RSV
0A
(1)
RSV
1A
High
High
1
2
3
4
191
193
192
t /t
R0 F0
RSV
2A
Old Data
New Data
High
NV
RSV
0B
RSV
1B
RSV
2B
RSV
0A
RSV
1A
RSV
2A
Data = 0
BLANK Bit
In First Control Data Latch
(Internal)
Data = 1
OFF
(V
)
OUTnH
(V
)
OUTnL
OUT0
7
8
15
, OUT ,
OUT , OUT
ON
t
D1
Next New Data
NV
RSV
7
NV
NV
NV
NV
RSV
6
RSV
5
RSV
4
RSV
3
RSV
2
RSV
1
RSV
0
OUT is turned off when the BLANK bit is ‘1’.
n
ON
OFF
ON
OFF
ON
OFF
OUT1
6
9
14
, OUT ,
OUT , OUT
OUT2, OUT5,
OUT10, OUT13
OUT3, OUT4,
OUT11, OUT12
t
D2
t
D3
t
D4
TLC5949
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
(1) RSV = reserved.
(2) NV = Not valid; these data are not used for any function.
Figure 11. Control Data Write Timing
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com