Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 35 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 31Page - Texas Instruments ASD1194 Datasheet HTML 32Page - Texas Instruments ASD1194 Datasheet HTML 33Page - Texas Instruments ASD1194 Datasheet HTML 34Page - Texas Instruments ASD1194 Datasheet HTML 35Page - Texas Instruments ASD1194 Datasheet HTML 36Page - Texas Instruments ASD1194 Datasheet HTML 37Page - Texas Instruments ASD1194 Datasheet HTML 38Page - Texas Instruments ASD1194 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
SPI COMMAND DEFINITIONS
The ADS1194/6/8 provide flexible configuration control. The opcode commands, summarized in Table 9, control
and configure the operation of the ADS1194/6/8. The opcode commands are stand-alone, except for the register
read and register write operations that require a second command byte plus data. CS can be taken high or held
low between opcode commands but must stay low for the entire command operation (especially for multi-byte
commands). System opcode commands and the RDATA command are decoded by the ADS1194/6/8 on the
seventh falling edge of SCLK. The register read/write opcodes are decoded on the eighth SCLK falling edge. Be
sure to follow SPI timing requirements when pulling CS high after issuing a command.
Table 9. Command Definitions
COMMAND
DESCRIPTION
FIRST BYTE
SECOND BYTE
System Commands
WAKEUP
Wake-up from standby mode. NOP command in normal mode.
0000 0010 (02h)
STANDBY
Enter standby mode
0000 0100 (04h)
RESET
Reset the device
0000 0110 (06h)
START
Start/restart (synchronize) conversions
0000 1000 (08h)
STOP
Stop conversion
0000 1010 (0Ah)
Data Read Commands
Enable Read Data Continuous mode.
RDATAC
0001 0000 (10h)
This mode is the default mode at power-up.(1)
SDATAC
Stop Read Data Continuously mode
0001 0001 (11h)
RDATA
Read data by command; supports multiple read back.
0001 0010 (12h)
Register Read Commands
RREG
Read n nnnn registers starting at address rrrr
001r rrrr (2xh)(2)
000n nnnn (2)
WREG
Write n nnnn registers starting at address rrrr
010r rrrr (4xh)(2)
000n nnnn (2)
(1)
When in RDATAC mode, the RREG command is ignored.
(2)
n nnnn = number of registers to be read/written
– 1. For example, to read/write three registers, set nnnn = 0 (0010). rrrr = starting
register address for read/write opcodes.
WAKEUP: Exit STANDBY Mode
This opcode exits the low-power standby mode; see the STANDBY: Enter STANDBY Mode subsection of the
SPI Command Definitions section. Time is required when exiting standby mode (see the Electrical
Characteristics for details). There are no restrictions on the SCLK rate for this command and it can be
issued any time. Any following command must be sent after 4 CLK cycles.
STANDBY: Enter STANDBY Mode
This opcode command enters the low-power standby mode. All parts of the circuit are shut down except for the
reference section. The standby mode power consumption is specified in the Electrical Characteristics. There are
no restrictions on the SCLK rate for this command and it can be issued any time.
RESET: Reset Registers to Default Values
This command resets the digital filter cycle and returns all register settings to the default values. See the Reset
(RESET) subsection of the SPI Interface section for more details. There are no restrictions on the SCLK rate
for this command and it can be issued any time. It takes 18 CLK cycles to execute the RESET command.
Avoid sending any commands during this time.
START: Start Conversions
This opcode starts data conversions. Tie the START pin low to control conversions by command. If conversions
are in progress this command has no effect. The STOP opcode command is used to stop conversions. If the
START command is immediately followed by a STOP command then have a gap of 4 CLK cycles between them.
When the START opcode is sent to the device, keep the START pin low until the STOP command is issued.
(See the START subsection of the SPI Interface section for more details.) There are no restrictions on the
SCLK rate for this command and it can be issued any time.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com