Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 45 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 45 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 41Page - Texas Instruments ASD1194 Datasheet HTML 42Page - Texas Instruments ASD1194 Datasheet HTML 43Page - Texas Instruments ASD1194 Datasheet HTML 44Page - Texas Instruments ASD1194 Datasheet HTML 45Page - Texas Instruments ASD1194 Datasheet HTML 46Page - Texas Instruments ASD1194 Datasheet HTML 47Page - Texas Instruments ASD1194 Datasheet HTML 48Page - Texas Instruments ASD1194 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
CHnSET: Individual Channel Settings (n = 1:8)
Address = 05h to 0Ch
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PD
GAIN2
GAIN1
GAIN0
0
MUXn2
MUXn1
MUXn0
The CH[1:8]SET Control Register configures the power mode, PGA gain, and multiplexer settings channels. See
the Input Multiplexer section for details. CH[2:8]SET are similar to CH1SET, corresponding to the respective
channels.
Bit 7
PD: Power-down
This bit determines the channel power mode for the corresponding channel.
0 = Normal operation (default)
1 = Channel power-down. When powering down a channel, it is recommended that the channel be set to input short by
setting the appropriate MUXn[2:0] = 001 of the CHnSET register.
Bits[6:4]
GAIN[2:0]: PGA gain
These bits determine the PGA gain setting.
000 = 6 (default)
001 = 1
010 = 2
011 = 3
100 = 4
101 = 8
110 = 12
Bit 3
Always write '0'
Bits[2:0]
MUXn[2:0]: Channel input
These bits determine the channel input selection.
000 = Normal electrode input (default)
001 = Input shorted (for offset or noise measurements)
010 = Used in conjunction with RLD_MEAS bit for RLD measurements. See the Right Leg Drive (RLD DC Bias Circuit)
subsection of the ECG-Specific Functions section for more details.
011 = MVDD for supply measurement
100 = Temperature sensor
101 = Test signal
110 = RLD_DRP (positive electrode is the driver)
111 = RLD_DRN (negative electrode is the driver)
RLD_SENSP
Address = 0Dh
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
RLD8P
RLD7P
RLD6P
RLD5P
RLD4P
RLD3P
RLD2P
RLD1P
This register controls the selection of the positive signals from each channel for right leg drive derivation. See the
Right Leg Drive (RLD DC Bias Circuit) subsection of the ECG-Specific Functions section for details.
Note that registers bits[5:4] are not available for the ADS1194. Bits[7:6] are not available for the ADS1194/6.
RLD_SENSN
Address = 0Eh
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
RLD8N
RLD7N
RLD6N
RLD5N
RLD4N
RLD3N
RLD2N
RLD1N
This register controls the selection of the negative signals from each channel for right leg drive derivation. See
the Right Leg Drive (RLD DC Bias Circuit) subsection of the ECG-Specific Functions section for details.
Note that registers bits[5:4] are not available for the ADS1194. Bits[7:6] are not available for the ADS1194 and
ADS1196.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com