Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 29 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 29 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 25Page - Texas Instruments ASD1194 Datasheet HTML 26Page - Texas Instruments ASD1194 Datasheet HTML 27Page - Texas Instruments ASD1194 Datasheet HTML 28Page - Texas Instruments ASD1194 Datasheet HTML 29Page - Texas Instruments ASD1194 Datasheet HTML 30Page - Texas Instruments ASD1194 Datasheet HTML 31Page - Texas Instruments ASD1194 Datasheet HTML 32Page - Texas Instruments ASD1194 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
STAR
co
TOp
de
STARTPin
DN
I
4/f
CLK
DRDY
or
t
SETTLE
t
DR
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
Reset (RESET)
There are two methods to reset the ADS1194/6/8: pull the RESET pin low, or send the RESET opcode
command. When using the RESET pin, take it low to force a reset. Make sure to follow the minimum pulse width
timing specifications before taking the RESET pin back high. The RESET command takes effect on the eighth
SCLK falling edge of the opcode command. On reset it takes 18 CLK cycles to complete initialization of the
configuration registers to the default states and start the conversion cycle. Note that an internal RESET is
automatically issued to the digital filter whenever registers CONFIG1 and RESP are set to a new value with a
WREG command.
START
The START pin must be set high for at least two tCLKs, or the START command sent, to begin conversions.
When START is low, or if the START command has not been sent, the device does not issue a DRDY signal
(conversions are halted).
When using the START opcode to control conversion, hold the START pin low. The ADS1194/6/8 feature two
modes to control conversion: continuous mode and single-shot mode. The mode is selected by SINGLE_SHOT
(bit 3 of the CONFIG4 register). In multiple device configurations the START pin is used to synchronize devices
(see the Multiple Device Configuration subsection of the SPI Interface section for more details).
Settling Time
The settling time (tSETTLE) is the time it takes for the converter to output fully settled data when START signal is
pulled high. Once START is pulled high, DRDY is also pulled high. The next falling edge of DRDY indicates that
data are ready. Figure 31 shows the timing diagram and Table 7 shows the settling time for different data rates.
The settling time depends on fCLK and the decimation ratio (controlled by the DR[2:0] bits in the CONFIG1
register). Table 6 describes the settling time as a function of tCLK. Note that when START is held high and there
is a step change in the input signal, it takes 3
× tDR for the filter to settle to the new value. Settled data are
available on the fourth DRDY pulse. This time must be considered when trying to measure narrow pace pulses
for pacer detection.
Figure 31. Settling Time
Table 7. Settling Time for Different Data Rates
DR[2:0]
SETTLING TIME
UNIT
000
1160
tCLK
001
2312
tCLK
010
4616
tCLK
011
9224
tCLK
100
18440
tCLK
101
36872
tCLK
110
73736
tCLK
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com