Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 7 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 3Page - Texas Instruments ASD1194 Datasheet HTML 4Page - Texas Instruments ASD1194 Datasheet HTML 5Page - Texas Instruments ASD1194 Datasheet HTML 6Page - Texas Instruments ASD1194 Datasheet HTML 7Page - Texas Instruments ASD1194 Datasheet HTML 8Page - Texas Instruments ASD1194 Datasheet HTML 9Page - Texas Instruments ASD1194 Datasheet HTML 10Page - Texas Instruments ASD1194 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
NOISE MEASUREMENTS
The ADS1194/6/8 noise performance can be optimized by adjusting the data rate and PGA setting. As the
averaging is increased by reducing the data rate, the noise drops correspondingly. Increasing the PGA value
reduces the input-referred noise, which is particularly useful when measuring low-level biopotential signals.
Table 1 summarizes the noise performance of the ADS1194/6/8, with a 3V analog power supply. Table 2
summarizes the noise performance of the ADS1194/6/8 with a 5V analog power supply. The data are
representative of typical noise performance at TA = +25°C. The data shown are the result of averaging the
readings from multiple devices and are measured with the inputs shorted together. A minimum of 1000
consecutive readings are used to calculate the peak-to-peak noise for each reading. For the two highest data
rates, the noise is limited by quantization noise of the ADC and does not have a gaussian distribution. The ratio
between rms noise and peak-to-peak noise for these two data rates are approximately 10. For the lower data
rates, the ratio is approximately 6.6.
Table 1 and Table 2 show measurements taken with an internal reference. In many of the settlings, espeically at
the lower data rates, the inherent device noise is less than 1LSB. For these cases, the noise is rounded up to
1LSB. The data are also representative of the ADS1194/6/8 noise performance when using a low-noise external
reference such as the REF5025.
Table 1. Input-Referred Noise (
μVPP)
3V Analog Supply and 2.4V Reference(1)(2)
DR BITS OF
OUTPUT
–3dB
CONFIG1
DATA RATE
BANDWIDTH
PGA
PGA
PGA
PGA
PGA
PGA
PGA
REGISTER
(SPS)
(Hz)
GAIN = 1
GAIN = 2
GAIN = 3
GAIN = 4
GAIN = 6
GAIN = 8
GAIN = 12
000
8000
2096
2930
1470
937
681
436
319
205
001
4000
1048
563
265
173
124
77
56
36
010
2000
524
104
51
33
24
17
13
9.5
011
1000
262
73.3
36.6
24.4
18.3
12.2
9.2
6.1
100
500
131
73.3
36.6
24.4
18.3
12.2
9.2
6.1
101
250
65
73.3
36.6
24.4
18.3
12.2
9.2
6.1
110
125
32.5
73.3
36.6
24.4
18.3
12.2
9.2
6.1
(1)
At least 1000 consecutive readings were used to calculate the peak-to-peak noise values in this table.
(2)
For data rates less than 2kSPS, the noise is rounded up to 1LSB. Input-referred LSB in volts = (2
× VREF/(Gain × 2
16)).
Table 2. Input-Referred Noise (
μVPP)
5V Analog Supply and 4V Reference(1)(2)
DR BITS OF
OUTPUT
–3dB
CONFIG1
DATA RATE
BANDWIDTH
PGA
PGA
PGA
PGA
PGA
PGA
PGA
REGISTER
(SPS)
(Hz)
GAIN = 1
GAIN = 2
GAIN = 3
GAIN = 4
GAIN = 6
GAIN = 8
GAIN = 12
000
8000
2096
4923
2450
1598
1196
765
560
362
001
4000
1048
959
481
307
222
142
100
63
010
2000
524
166
81
52
40
26
19
12.3
011
1000
262
122.1
61.1
40.7
30.5
20.4
15.3
10.2
100
500
131
122.1
61.1
40.7
30.5
20.4
15.3
10.2
101
250
65
122.1
61.1
40.7
30.5
20.4
15.3
10.2
110
125
32.5
122.1
61.1
40.7
30.5
20.4
15.3
10.2
(1)
At least 1000 consecutive readings were used to calculate the peak-to-peak noise values in this table.
(2)
For data rates less than 2kSPS, the noise is rounded up to 1LSB. Input-referred LSB in volts = (2
× VREF/(Gain × 2
16)).
Table 3. Typical WCT Performance
ANY ONE
ANY TWO
ALL THREE
PARAMETER
(A, B, or C)
(A+B, A+C, or B+C)
(A+B+C)
UNIT
Noise
563
404
330
nVRMS
Power
36
40
44
μA
–3dB BW
30
59
89
kHz
Slew rate
BW limited
BW limited
BW limited
—
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com