Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 32 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 28Page - Texas Instruments ASD1194 Datasheet HTML 29Page - Texas Instruments ASD1194 Datasheet HTML 30Page - Texas Instruments ASD1194 Datasheet HTML 31Page - Texas Instruments ASD1194 Datasheet HTML 32Page - Texas Instruments ASD1194 Datasheet HTML 33Page - Texas Instruments ASD1194 Datasheet HTML 34Page - Texas Instruments ASD1194 Datasheet HTML 35Page - Texas Instruments ASD1194 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
START
1
ADS1198
1
CLK
DRDY
DRDY
1
START
CLK
START
2
ADS1198
2
CLK
DRDY
DRDY
2
START
CLK
DRDY
1
DRDY
2
t
SETTLE
ADS1194, ADS1196
ADS1198
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
www.ti.com
When using multiple devices, the devices can be synchronized with the START signal. The delay from START to
the DRDY signal is fixed for a fixed data rate (see the START subsection of the SPI Interface section for more
details on the settling times). Figure 35 shows the behavior of two devices when synchronized with the START
signal.
There are two ways to connect multiple devices with a optimal number of interface pins: cascade mode and
daisy-chain mode.
Figure 35. Synchronizing Multiple Converters
32
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com