Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 24 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 20Page - Texas Instruments ASD1194 Datasheet HTML 21Page - Texas Instruments ASD1194 Datasheet HTML 22Page - Texas Instruments ASD1194 Datasheet HTML 23Page - Texas Instruments ASD1194 Datasheet HTML 24Page - Texas Instruments ASD1194 Datasheet HTML 25Page - Texas Instruments ASD1194 Datasheet HTML 26Page - Texas Instruments ASD1194 Datasheet HTML 27Page - Texas Instruments ASD1194 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
22 F
m
ToADCReferenceInputs
VCAP1
10 F
m
VREFP
VREFN
Bandgap
2.4Vor4V
AVSS
R1
(1)
R3
(1)
R2
(1)
100
W
100k
W
100
W
OPA211
10pF
0.1 F
m
+5V
0.1 F
m
10 F
m
100 F
m
22 F
m
OUT
VIN
+5V
TRIM
22 F
m
REF5025
ToVREFPPin
ADS1194, ADS1196
ADS1198
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
www.ti.com
REFERENCE
Figure 26 shows a simplified block diagram of the internal reference of the ADS1194/6/8. The reference voltage
is generated with respect to AVSS. When using the internal voltage reference, connect VREFN to AVSS.
(1) For VREF = 2.4: R1 = 12.5kΩ, R2 = 25kΩ, and R3 = 25kΩ. For VREF = 4V: R1 = 10.5kΩ, R2 = 15kΩ, and R3 = 35kΩ.
Figure 26. Internal Reference
The external band-limiting capacitors determine the amount of reference noise contribution. For high-end ECG
systems, the capacitor values should be chosen such that the bandwidth is limited to less than 10Hz, so that the
reference noise does not dominate the system noise. When using a 3V analog supply, the internal reference
must be set to 2.4V. In case of a 5V analog supply, the internal reference can be set to 4V by setting the
VREF_4V bit in the CONFIG2 register.
Alternatively, the internal reference buffer can be powered down and VREFP can be applied externally. Figure 27
shows a typical external reference drive circuitry. Power-down is controlled by the PD_REFBUF bit in the
CONFIG3 register. This power-down is also used to share internal references when two devices are cascaded.
By default the device wakes up in external reference mode.
Figure 27. External Reference Driver
24
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com