Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 14 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 10Page - Texas Instruments ASD1194 Datasheet HTML 11Page - Texas Instruments ASD1194 Datasheet HTML 12Page - Texas Instruments ASD1194 Datasheet HTML 13Page - Texas Instruments ASD1194 Datasheet HTML 14Page - Texas Instruments ASD1194 Datasheet HTML 15Page - Texas Instruments ASD1194 Datasheet HTML 16Page - Texas Instruments ASD1194 Datasheet HTML 17Page - Texas Instruments ASD1194 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
0
8
NumberofChannelsEnabled
1
5
AVDD=3V
AVDD=5V
9
8
7
6
5
4
3
2
1
0
6
7
4
3
2
10
1k
Frequency(Hz)
100
f
=4kSPS
DR
105
100
95
90
85
80
75
70
Gain=1
Gain=2
Gain=3
Gain=4
Gain=6
Gain=8
Gain=12
3.61
ErrorCurrent(nA)
-
2
1.51
Mean=0.78
=0.92
s
140
120
100
80
60
40
20
0
2.21
2.91
0.82
0.12
-
1.3
-
0.6
0.1
3.1
InputCommon-ModeVoltage(V)
2.6
120
100
80
60
40
20
0
2.1
1.6
1.1
0.6
0
70
Temperature( C)
°
60
1000
900
800
700
600
500
400
300
200
100
0
40
30
20
10
50
ADS1194, ADS1196
ADS1198
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All plots at TA = +25°C, AVDD = 3V, AVSS = 0V, DVDD = 1.8V, internal VREFP = 2.4V, VREFN = AVSS, external
clock = 2.048MHz, data rate = 500SPS, and gain = 6, unless otherwise noted.
PSRR vs FREQUENCY
ADS1198 CHANNEL POWER
Figure 9.
Figure 10.
16nA LEADOFF CURRENT ACCURACY DISTRIBUTION
INPUT LEAKAGE vs INPUT VOLTAGE
Figure 11.
Figure 12.
INPUT LEAKAGE CURRENT vs TEMPERATURE
Figure 13.
14
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com