Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 25 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 21Page - Texas Instruments ASD1194 Datasheet HTML 22Page - Texas Instruments ASD1194 Datasheet HTML 23Page - Texas Instruments ASD1194 Datasheet HTML 24Page - Texas Instruments ASD1194 Datasheet HTML 25Page - Texas Instruments ASD1194 Datasheet HTML 26Page - Texas Instruments ASD1194 Datasheet HTML 27Page - Texas Instruments ASD1194 Datasheet HTML 28Page - Texas Instruments ASD1194 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
CLOCK
The ADS1194/6/8 provide two different methods for device clocking: internal and external. Internal clocking is
ideally suited for low-power, battery-powered systems. The internal oscillator is trimmed for accuracy at room
temperature. Over the specified temperature range the accuracy varies; see the Electrical Characteristics. Clock
selection is controlled by the CLKSEL pin and the CLK_EN register bit.
The CLKSEL pin selects either the internal or external clock. The CLK_EN bit in the CONFIG1 register enables
and disables the oscillator clock to be output in the CLK pin. A truth table for these two pins is shown in Table 5.
The CLK_EN bit is useful when multiple devices are used in a daisy-chain configuration. It is recommended that
during power-down the external clock be shut down to save power.
Table 5. CLKSEL Pin and CLK_EN Bit
CONFIG1.CLK_EN
CLKSEL PIN
BIT
CLOCK SOURCE
CLK PIN STATUS
0
X
External clock
Input: external clock
1
0
Internal clock oscillator
3-state
1
1
Internal clock oscillator
Output: internal clock oscillator
DATA FORMAT
The ADS1194/6/8 outputs 16 bits of data per channel in binary twos complement format, MSB first. The LSB has
a weight of VREF/(2
15 – 1). A positive full-scale input produces an output code of 7FFFh and the negative
full-scale input produces an output code of 8000h. The output clips at these codes for signals exceeding
full-scale. Table 6 summarizes the ideal output codes for different input signals.
Table 6. Ideal Input Code versus Input Signal(1)
INPUT SIGNAL, VIN
(AINP
– AINN)
IDEAL OUTPUT CODE(2)
≥ VREF
7FFFh
+VREF/(2
15 – 1)
0001h
0
0000h
–VREF/(2
15 – 1)
FFFFh
≤ –VREF (2
15/215 – 1)
8000h
(1)
Assumes gain = 1.
(2)
Excludes effects of noise, linearity, offset, and gain error.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com