Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 60 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 60 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 56Page - Texas Instruments ASD1194 Datasheet HTML 57Page - Texas Instruments ASD1194 Datasheet HTML 58Page - Texas Instruments ASD1194 Datasheet HTML 59Page - Texas Instruments ASD1194 Datasheet HTML 60Page - Texas Instruments ASD1194 Datasheet HTML 61Page - Texas Instruments ASD1194 Datasheet HTML 62Page - Texas Instruments ASD1194 Datasheet HTML 63Page - Texas Instruments ASD1194 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
RLD
Amp
(AVDD+AVSS)/2
RLDREF_INT
RLDREF_INT
RLD_REF
RLD_OUT
RLD_INV
RLD
ADS119x
WCT_TO_RLD
FromWCTAmplifiers
RLD_REF
WCT
RLDINV
RLD
OUT
RLD
REF
RLDIN
VA1-8
Device2
VA1-8
RLDINV
RLD
OUT
RLD
REF
RLDIN
VA1-8
DeviceN
VA1-8
Power-Down
Power-Down
RLDINV
RLD
OUT
RLD
REF
RLDIN
VA1-8
Device1
VA1-8
ADS1194, ADS1196
ADS1198
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
www.ti.com
WCT as RLD
In certain applications, the right leg drive is derived as the average of RA, LA, and LL. This level is the same as
the WCT voltage. The WCT amplifier has limited drive strength and thus should be used only to drive very high
impedances directly. As shown in Figure 51, the ADS1194/6/8 provide an option to internally buffer the WCT
signal by setting the WCT_TO_RLD bit in the CONFIG4 register. The RLD_OUT and RLD_INV pins should be
shorted external to the device. Note that before the RLD_OUT signal is connected to the RLD electrode, an
external amplifier should be used to invert the phase of the signal for negative feedback.
Figure 51. Using the WCT as the Right Leg Drive
RLD Configuration with Multiple Devices
Figure 52 shows multiple devices connected to an RLD.
Figure 52. RLD Connection for Multiple Devices
60
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com