Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 55 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 55 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 51Page - Texas Instruments ASD1194 Datasheet HTML 52Page - Texas Instruments ASD1194 Datasheet HTML 53Page - Texas Instruments ASD1194 Datasheet HTML 54Page - Texas Instruments ASD1194 Datasheet HTML 55Page - Texas Instruments ASD1194 Datasheet HTML 56Page - Texas Instruments ASD1194 Datasheet HTML 57Page - Texas Instruments ASD1194 Datasheet HTML 58Page - Texas Instruments ASD1194 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
51k
W
51k
W
100k
W
100k
W
47nF
51k
W
100k
W
47nF
47nF
4-Bit
DAC
Skin,
ElectrodeContact
Model
Patient
Protection
Resistor
AVDD
LOFF_SENSP
VLEAD_OFF_EN
AND
AVSS
LOFF_SENSN
VLEAD_OFF_EN
AND
LOFF_SENSP
VLEAD_OFF_EN
AND
LOFF_SENSN
VLEAD_OFF_EN
AND
RLDOUT
FLEAD_OFF[1:0]
Vx
3.3M
W
3.3M
W
3.3M
W
3.3M
W
3.3M
W
3.3M
W
AntialiasingFilter
<512kHz
FLEAD_OFF[0:1]
AVDD
AVSS
ToADC
LOFF_STATP
LOFF_STATN
COMP_TH[2:0]
V
INP
V
INN
(AVDD+AVSS)/2
7M
W
7M
W
10pF
10pF
PGA
EMI
Filter
12pF
12pF
Patient
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
LEAD-OFF DETECTION
Patient electrode impedances are known to decay over time. It is necessary to continuously monitor these
electrode connections to verify a suitable connection is present. The ADS1194/6/8 lead-off detection functional
block provides significant flexibility to the user to choose from various lead-off detection strategies. Though called
lead-off detection, this is in fact an electrode-off detection.
The basic principle is to inject an excitation signal and measure the response to find out if the electrode is off. As
shown in the lead-off detection functional block diagram in Figure 46, this circuit provides two different methods
of determining the state of the patient electrode. The methods differ in the frequency content of the excitation
signal. Lead-off can be selectively done on a per channel basis using the LOFF_SENSP and LOFF_SENSN
registers. Also, the internal excitation circuitry can be disabled and just the sensing circuitry can be enabled.
Figure 46. Lead-Off Detection
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com