Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 65 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 65 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 61Page - Texas Instruments ASD1194 Datasheet HTML 62Page - Texas Instruments ASD1194 Datasheet HTML 63Page - Texas Instruments ASD1194 Datasheet HTML 64Page - Texas Instruments ASD1194 Datasheet HTML 65Page - Texas Instruments ASD1194 Datasheet HTML 66Page - Texas Instruments ASD1194 Datasheet HTML 67Page - Texas Instruments ASD1194 Datasheet HTML 68Page - Texas Instruments ASD1194 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
Power Supplies
RESET
t
RST
StartUsingtheDevice
t
POR
18t
CLK
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
POWER-UP SEQUENCING
Before device power-up, all digital and analog inputs must be low. At the time of power-up, all of these signals
should remain low until the power supplies have stabilized, as shown in Figure 57. At this time, begin supplying
the master clock signal to the CLK pin. Wait for time tPOR, then transmit a RESET pulse. After releasing RESET,
the configuration register must be programmed, see the CONFIG1: Configuration Register 1 subsection of the
Register Map section for details. The power-up sequence timing is shown in Table 11.
Figure 57. Power-Up Timing Diagram
Table 11. Power-Up Sequence Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tPOR
Wait after power-up until reset
216
tCLK
tRST
Reset low width
2
tCLK
SETTING THE DEVICE FOR BASIC DATA CAPTURE
The following section outlines the procedure to configure the device in a basic state and capture data. This
procedure is intended to put the device in a data sheet condition to check if the device is working properly in the
user's system. It is recommended that this procedure be followed initially to get familiar with the device settings.
Once this procedure has been verified, the device can be configured as needed. For details on the timings for
commands refer to the appropriate sections in the data sheet. Also, some sample programming codes are added
for the ECG-specific functions. Figure 58 illustrates a flowchart outlining the initial flow at power-up.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com