Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 30 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 26Page - Texas Instruments ASD1194 Datasheet HTML 27Page - Texas Instruments ASD1194 Datasheet HTML 28Page - Texas Instruments ASD1194 Datasheet HTML 29Page - Texas Instruments ASD1194 Datasheet HTML 30Page - Texas Instruments ASD1194 Datasheet HTML 31Page - Texas Instruments ASD1194 Datasheet HTML 32Page - Texas Instruments ASD1194 Datasheet HTML 33Page - Texas Instruments ASD1194 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
START
Opcode
(1)
S
RTPin
TA
DIN
t
DR
t
SETTLE
DRDY
STOP
Opcode
(1)
or
or
t
SDSU
t
DSHD
STOPOpcode
DRDY andDOUT
STARTPin
or
STOP(1)
STOP(1)
ADS1194, ADS1196
ADS1198
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
www.ti.com
Continuous Mode
Conversions begin when the START pin is taken high for at least two tCLKs or when the START opcode
command is sent. As seen in Figure 32, the DRDY output goes high when conversions are started and goes low
when data are ready. Conversions continue indefinitely until the START pin is taken low or the STOP opcode
command is transmitted. When the START pin is pulled low or the stop command is issued, the conversion in
progress is allowed to complete. Figure 33 and Table 8 show the required timing of DRDY to the START pin and
the START/STOP opcode commands when controlling conversions in this mode. To keep the converter running
continuously, the START pin can be permanently tied high. Note that when switching from pulse mode to
continuous mode, the START signal is pulsed or a STOP command must be issued followed by a START
command.
This conversion mode is ideal for applications that require a fixed continuous stream of conversion results.
(1)
START and STOP opcode commands take effect on the seventh SCLK falling edge.
Figure 32. Continuous Conversion Mode
(1)
START and STOP commands take effect on the seventh SCLK falling edge at the end of the opcode transmission.
Figure 33. START to DRDY Timing
Table 8. Timing Characteristics for Figure 33(1)
SYMBOL
DESCRIPTION
MIN
UNIT
START pin low or STOP opcode to DRDY setup time
tSDSU
16
1/fCLK
to halt further conversions
START pin low or STOP opcode to complete current
tDSHD
16
1/fCLK
conversion
(1)
START and STOP commands take effect on the seventh SCLK falling edge at the end of the opcode transmission.
30
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com