Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 40 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 40 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 36Page - Texas Instruments ASD1194 Datasheet HTML 37Page - Texas Instruments ASD1194 Datasheet HTML 38Page - Texas Instruments ASD1194 Datasheet HTML 39Page - Texas Instruments ASD1194 Datasheet HTML 40Page - Texas Instruments ASD1194 Datasheet HTML 41Page - Texas Instruments ASD1194 Datasheet HTML 42Page - Texas Instruments ASD1194 Datasheet HTML 43Page - Texas Instruments ASD1194 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
ADS1194, ADS1196
ADS1198
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
www.ti.com
User Register Description
ID: ID Control Register (Factory-Programmed, Read-Only)
Address = 00h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DEV_ID5
DEV_ID4
DEV_ID3
1
0
DEV_ID2
DEV_ID1
DEV_ID0
The ID Control Register is programmed during device manufacture to indicate device characteristics.
Bits[7:5]
DEV_ID[5:3]: Device family identification
These bits indicate the device family.
000 = Reserved
011 = Reserved
100 = Reserved
101 = ADS119x device family
110 = Reserved
111 = Reserved
Bit 4
This bit reads high.
Bit 3
This bit reads low.
Bit 2
DEV_ID2: Channel number identification
This bit reads high.
Bits[1:0]
DEV_ID[1:0]: Channel number identification
These bits indicates number of channels.
00 = 4-channel ADS1194
01 = 6-channel ADS1196
10 = 8-channel ADS1198
11 = Reserved
40
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com