Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 41 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 41 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 37Page - Texas Instruments ASD1194 Datasheet HTML 38Page - Texas Instruments ASD1194 Datasheet HTML 39Page - Texas Instruments ASD1194 Datasheet HTML 40Page - Texas Instruments ASD1194 Datasheet HTML 41Page - Texas Instruments ASD1194 Datasheet HTML 42Page - Texas Instruments ASD1194 Datasheet HTML 43Page - Texas Instruments ASD1194 Datasheet HTML 44Page - Texas Instruments ASD1194 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
CONFIG1: Configuration Register 1
Address = 01h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
DAISY_EN
CLK_EN
0
0
DR2
DR1
DR0
Bit 7
Must always be set to '0'
Bit 6
DAISY_EN: Daisy-chain/multiple readback mode
This bit determines which mode is enabled.
0 = Daisy-chain mode (default)
1 = Multiple readback mode
Bit 5
CLK_EN: CLK connection(1)
This bit determines if the internal oscillator signal is connected to the CLK pin when the CLKSEL pin = 1.
0 = Oscillator clock output disabled (default)
1 = Oscillator clock output enabled
Bits[4:3]
Must always be set to '0'
Bits[2:0]
DR[2:0]: Output data rate.
fMOD = fCLK/16.
These bits determine the output data rate of the device.
(1)
Additional power will be consumed when driving external devices.
BIT
DATA RATE
SAMPLE RATE(1)
000
fMOD/16
8kSPS
001
fMOD/32
4kSPS
010
fMOD/64
2kSPS
011
fMOD/128
1kSPS
100 (default)
fMOD/256
500SPS
101
fMOD/512
250SPS
110
fMOD/1024
125SPS
111
DO NOT USE
N/A
(1)
fCLK = 2.048MHz.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com