Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 17 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 13Page - Texas Instruments ASD1194 Datasheet HTML 14Page - Texas Instruments ASD1194 Datasheet HTML 15Page - Texas Instruments ASD1194 Datasheet HTML 16Page - Texas Instruments ASD1194 Datasheet HTML 17Page - Texas Instruments ASD1194 Datasheet HTML 18Page - Texas Instruments ASD1194 Datasheet HTML 19Page - Texas Instruments ASD1194 Datasheet HTML 20Page - Texas Instruments ASD1194 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
MUX[2:0]=101
TempP
MUX[2:0]= 100
MvddP
(1)
MUX[2:0]= 011
FromLoffP
MUX[2:0]= 000
MUX[2:0]= 110
MUX[2:0]= 001
ToPgaP
ToPgaN
MUX[2:0]= 001
RLDIN
MUX[2:0]= 010
RLD_MEAS
AND
MUX[2:0]= 111
VINP
VINN
MUX[2:0]= 000
FromLoffN
RLD_REF
MUX[2:0]= 010
RLD_MEAS
AND
MvddN
(1)
TempN
MUX[2:0]= 100
MUX[2:0]= 101
ADS119x
MUX
TestP
TestN
TESTP_PACE_OUT1
INT_TEST
INT_TEST
TESTN_PACE_OUT2
INT_TEST
INT_TEST
MUX[2:0]= 011
EMI
Filter
(AVDD+AVSS)
2
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
EMI FILTER
An RC filter at the input acts as an electromagnetic interference (EMI) filter on all of the channels. The
–3dB filter
bandwidth is approximately 3MHz.
INPUT MULTIPLEXER
The ADS1194/6/8 input multiplexers are very flexible and provide many configurable signal switching options.
Figure 15 shows the multiplexer on a single channel of the device. Note that the device has eight such blocks,
one for each channel. TEST_PACE_OUT1, TEST_PACE_OUT2, and RLD_IN are common to all eight blocks.
VINP and VINN are separate for each of the eight blocks. This flexibility allows for significant device and
sub-system diagnostics, calibration and configuration. Selection of switch settings for each channel is made by
writing the appropriate values to the CHnSET[2:0] register (see the CHnSET: Individual Channel Settings section
for details) and by writing the RLD_MEAS bit in the CONFIG3 register (see the CONFIG3: Configuration Register
3 subsection of the Register Map section for details). More details of the ECG-specific features of the multiplexer
are discussed in the Input Multiplexer subsection of the ECG-Specifc Functions section.
(1)
MVDD monitor voltage supply depends on channel number; see the Supply Measurements (MVDDP, MVDDN)
section.
Figure 15. Input Multiplexer Block for One Channel
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com