Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 28 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 24Page - Texas Instruments ASD1194 Datasheet HTML 25Page - Texas Instruments ASD1194 Datasheet HTML 26Page - Texas Instruments ASD1194 Datasheet HTML 27Page - Texas Instruments ASD1194 Datasheet HTML 28Page - Texas Instruments ASD1194 Datasheet HTML 29Page - Texas Instruments ASD1194 Datasheet HTML 30Page - Texas Instruments ASD1194 Datasheet HTML 31Page - Texas Instruments ASD1194 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
DRDY
DOUT
SCLK
Bit151
Bit150
Bit149
GPIOPin
GPIOData(read)
GPIOData(write)
GPIOControl
ADS1194, ADS1196
ADS1198
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
www.ti.com
Data Ready (DRDY)
DRDY is an output. When it transitions low, new conversion data are ready. The CS signal has no effect on the
data ready signal. The behavior of DRDY is determined by whetehr the device is in RDATAC mode or the
RDATA command is being used to read data on demand. (See the RDATAC: Read Data Continuous and
RDATA: Read Data subsections of the SPI Command Definitions section for further detials). Regardless of the
status of the CS signal, a rising edge on SCLK pulls DRDY high. Hence, when using multiple devices in the SPI
bus, it is recommended that SCLK be gated with CS. When reading data with the RDATA command, the read
operation can overlap the occurrence of the next DRDY without data corruption. The START pin or the START
command is used to place the device either in normal data capture mode or pulse data capture mode. Figure 29
shows the relationship between DRDY, DOUT, and SCLK during data retrieval (in case of an ADS1198). DOUT
is latched at the rising edge of SCLK. DRDY is pulled high at the falling edge of SCLK. Note that DRDY goes
high on the first falling edge SCLK regardless of whether data are being retrieved from the device or a command
is being sent through the DIN pin.
Figure 29. DRDY with Data Retrieval (CS = 0 in RDATA Mode)
GPIO
The ADS1194/6/8 have a total of four general-purpose digital I/O (GPIO) pins available in the normal mode of
operation. The digital I/O pins are individually configurable as either inputs or as outputs through the GPIOC bits
register. The GPIOD bits in the GPIO register control the level of the pins. When reading the GPIOD bits, the
data returned are the level of the pins, whether they are programmed as inputs or outputs. When the GPIO pin is
configured as an input, a write to the corresponding GPIOD bit has no effect. When configured as an output, a
write to the GPIOD bit sets the output value.
If configured as inputs, these pins must be driven (do not float). The GPIO pins are set as inputs after power-on
or after a reset. Figure 30 shows the GPIO port structure.
GPIO1 can be used as the PACEIN signal; GPIO2 is multiplexed with RESP_BLK signal; GPIO3 is multiplexed
with the RESP signal; and GPIO4 is multiplexed with the RESP_PH signal.
Figure 30. GPIO Port Pin
Power-Down (PWDN)
When PWDN is pulled low, all on-chip circuitry is powered down. To exit power-down mode, take the PWDN pin
high. Upon exiting from power-down mode, the internal oscillator and the reference require a wake-up time. It is
recommended that during power-down the external clock is shut down to save power.
28
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com