Electronic Components Datasheet Search
  English  ▼

X  

ASD1194 Datasheet(PDF) 23 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 19Page - Texas Instruments ASD1194 Datasheet HTML 20Page - Texas Instruments ASD1194 Datasheet HTML 21Page - Texas Instruments ASD1194 Datasheet HTML 22Page - Texas Instruments ASD1194 Datasheet HTML 23Page - Texas Instruments ASD1194 Datasheet HTML 24Page - Texas Instruments ASD1194 Datasheet HTML 25Page - Texas Instruments ASD1194 Datasheet HTML 26Page - Texas Instruments ASD1194 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
NormalizedFrequency(f /f
)
IN DR
1.0
2.0
0
3.0
4.0
5.0
0.5
4.5
3.5
2.5
1.5
0
0.5
1.0
1.5
2.0
2.5
3.0
-
-
-
-
-
-
NormalizedFrequency(f /f
)
IN DR
0.05
0.10
0
0.15
0.35
0.20
0.25
0.30
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
NormalizedFrequency(f /f
)
IN MOD
0.05 0.10
0
0.50
0.15 0.20 0.25 0.30 0.35 0.40 0.45
DR[2:0]=110
DR[2:0]=000
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
NormalizedFrequency(f /f
)
IN MOD
0.01
0
0.07
0.02
0.03
0.04
0.05
0.06
DR[2:0]=000
DR[2:0]=110
10
10
30
50
70
90
110
130
-
-
-
-
-
-
-
NormalizedFrequency(f /f
)
IN MOD
0.5
0
4.0
1.0
1.5
2.0
2.5
3.0
3.5
DR[2:0]=110
DR[2:0]=000
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
The sinc filter has notches (or zeroes) that occur at the output data rate and multiples thereof. At these
frequencies, the filter has infinite attenuation. Figure 21 shows the frequency response of the sinc filter and
Figure 22 shows the roll-off of the sinc filter. With a step change at input, the filter takes 3
× tDR to settle. The
fourth DRDY pulse is settled data. After a rising edge of the START signal, the filter takes tSETTLE time to give the
first data output. The settling time of the filters at various data rates are discussed in the START subsection of
the SPI Interface section. Figure 23 and Figure 24 show the filter transfer function until fMOD/2 and fMOD/16,
respectively, at different data rates. Figure 25 shows the transfer function extended until 4
× fMOD. It can be seen
that the passband of the ADS1194/6/8 repeats itself at every fMOD. The input R-C anti-aliasing filters in the
system should be chosen such that any interference in frequencies around multiples of fMOD are attenuated
sufficiently.
Figure 21. Sinc Filter Frequency Response
Figure 22. Sinc Filter Roll-Off
Figure 23. Transfer Function of On-Chip
Figure 24. Transfer Function of On-Chip
Decimation Filters Until fMOD/2
Decimation Filters Until fMOD/16
Figure 25. Transfer Function of On-Chip Decimation Filters
Until 4fMOD for DR[2:0] = 000 and DR[2:0] = 110
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com