Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
AMC7812B
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
PIN DESCRIPTIONS (continued)
NAME
NO.
DESCRIPTION
IOVDD
7
Interface power supply
REF-DAC
58
DAC reference Input
REF-OUT
57
Internal reference output
RESET
1
Reset input, active low. A logic low on this pin causes the device to perform a hardware reset.
Serial clock input of the main serial interface. This pin functions as the SPI clock when the SPI/I2C pin is high. This pin
SCLK/SCL
5
functions as the I2C clock when the SPI/I2C pin is low.
Serial interface data. This pin functions as SDI for the serial peripheral interface (SPI) when the SPI/I2C pin (pin 12) is
SDI/SDA
4
high. This pin functions as SDA for the I2C interface when the SPI/I2C pin is low.
SDO/A1
10
SDO for SPI when the SPI/I2C pin is high. Slave address selection A1 for I2C when the SPI/I2C pin is low.
Interface selection pin; digital input. When this pin is tied to IOVDD, the SPI is enabled and the I
2C interface is disabled.
SPI/I2C
12
When this pin is tied to ground, the SPI is disabled and the I2C interface is enabled.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com