| Electronic Components Datasheet Search |
|
AMC7812B Datasheet(PDF) 32 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
AMC7812B Datasheet(HTML) 32 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
32 / 92 page ![]() ToShift Register ADC ADC-0 Data ADC-0 Temporary Out-of-Limit Alarm ADC-7 Data ADC-7 Temporary ADC-15 Data ADC-15 Temporary DAVFBit Pin DAV CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 CH8 CH9 CH10 CH11 CH12 CH13 CH14 CH15 CONVERT (ExternalTrigger) ICONV (Internal Trigger) Input Range Selection OR AMC7812B SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013 www.ti.com The current conversion cycle stops immediately if: • A new trigger is issued. • The conversion mode changes. • Either ADC channel register is rewritten. • Any of the analog input threshold registers are rewritten. When a new external or internal trigger activates, the ADC starts a new conversion cycle. The internal trigger should not be issued at the same time the conversion mode is changed. If a '1' is simultaneously written to the ICONV bit when changing the CMODE bit to '0' or '1', the current conversion stops and immediately returns to the wait for ADC trigger state. Double-Buffered ADC Data Registers The host can access all 16, double-buffered ADC data registers, as shown in Figure 83. The conversion result from the analog input with channel address n (where n = 0 to 15) is stored in the ADC-n-data register. When the conversion of an individual channel completes, the data are immediately transferred into the corresponding ADC- n temporary (TMPRY) register, the first stage of the data buffer. When the conversion of the last channel completes, all data in the ADC-n TMPRY registers are simultaneously transferred into the corresponding ADC-n- data registers, the second stage of the data buffer. However, if a data transfer is in progress between any ADC- n-data register and the AMC shift register, no ADC-n-data registers are updated until the data transfer is complete. The conversion result from channel address n is stored in the ADC-n-data register. For example, the result from channel 0 is stored in the ADC-0-data register, and the result from channel 3 is stored in the ADC-3- data register. Figure 83. Double-Buffered ADC Structure 32 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated Product Folder Links: AMC7812B |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |