Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 17 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 17 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
−40
−25
−10
5
20
35
50
65
80
95
110
TA (°C)
Gain = 2
VREF = 2.5V, Internal
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
−40
−25
−10
5
20
35
50
65
80
95
110
TA (°C)
Gain = 5
VREF = 2.5V, Internal
TA =+25°C
Gain=2
10884Channels
0
10
20
30
40
50
GainError(%FSR)
TA =+25°C
Gain=5
10368Channels
0
10
20
30
40
50
60
GainError(%FSR)
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
Ch0
Ch1
Ch2
Ch3
Ch4
Ch5
Ch6
Ch7
Ch8
Ch9
Ch10
Ch11
TA = +25°C
Gain = 2
VREF = 2.5V, Internal
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
Ch0
Ch1
Ch2
Ch3
Ch4
Ch5
Ch6
Ch7
Ch8
Ch9
Ch10
Ch11
TA = +25°C
Gain = 2
VREF = 2.5V, Internal
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS: DAC (continued)
At +25°C, unless otherwise noted.
Figure 18. DIFFERENTIAL LINEARITY ERROR vs CODE
Figure 19. LINEARITY ERROR vs CODE
Figure 20. GAIN ERROR
Figure 21. GAIN ERROR
Figure 22. GAIN ERROR vs TEMPERATURE
Figure 23. GAIN ERROR vs TEMPERATURE
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com