Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
t
HD, STA
t
SU, DAT
t
HD, DAT
t
SU, STA
t
SU, STO
t
HD,STA
t
LOW
t
HIGH
t
R
t
F
t
BUF
SDA
SCL
S
Sr
P
S
S=STARTCondition
Sr=RepeatedSTARTCondition
P=STOPCondition
=ResistorPull-Up
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
I
2C-COMPATIBLE TIMING DIAGRAMS
Figure 1. Timing for Standard and Fast Mode Devices on the I2C Bus
TIMING CHARACTERISTICS: SDA and SCL for Standard and Fast Modes
(1)
At –40°C to +105°C, AVDD = DVDD = 4.5 V to 5.5 V, AGND = DGND = 0 V, and IOVDD = 2.7 V to 5.5 V, unless otherwise
noted.
STANDARD MODE
FAST MODE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
fSCL
(2)
SCL clock frequency
0
100
0
400
kHz
tLOW
Low period of the SCL clock
4.7
—
1.3
—
µs
tHIGH
High period of the SCL clock
4.0
—
0.6
—
µs
tSU, STA
Set-up time for a repeated start condition
4.7
—
0.6
—
µs
Hold time (repeated) start condition. After this
tHD, STA
4.0
—
0.6
—
µs
period, the first clock pulse is generated
tSU, DAT
Data set-up time
250
—
100
—
ns
tHD, DAT
Data hold time for I2C-bus devices
0
3.45
0
0.9
µs
tSU, STO
Set-up time for stop condition
4.0
—
0.6
—
µs
tR
Rise time of both SDA and SCL signals
—
1000 20 + 0.1 CB
(3)
300
ns
tF
Fall time of both SDA and SCL signals
—
300 20 + 0.1 CB
(3)
300
ns
tBUF
Bus-free time between a stop and start condition
4.7
—
1.3
—
µs
CB
Capacitive load for each bus line
—
400
—
400
pF
tSP
Pulse duration of spike suppressed
N/A
N/A
0
50
ns
(1)
All values refer to VIHmin and VILmax levels.
(2)
An SCL operating frequency of at least 1 kHz is recommended to avoid activating the I2C timeout function. See the Timeout Function
section for details.
(3)
CB = total capacitance of one bus line in pF.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com