Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 29 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 29 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 26Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 27Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 28Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 29Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 30Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 31Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 32Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 33Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
40W
40pF
AV
DD
50W
AV
DD
50W
CH0
CH3
AV
DD
50W
AV
DD
50W
CH4
CH15
ADC-GND
50W
40W
40pF
DeviceinHoldMode
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
THEORY OF OPERATION
ADC OVERVIEW
The AMC7812B has two analog-to-digital converters (ADCs): a primary ADC and a secondary ADC. The primary
ADC features a 16-channel multiplexer, an on-chip track-and-hold, and a successive approximation register
(SAR) ADC based on a capacitive digital-to-analog converter (DAC). This ADC runs at 500 kSPS and converts
the analog channel inputs, CH0 to CH15. The analog input range for the device can be selected as 0 V to VREF
or 0 V to (2 × VREF). The analog input can be configured for either single-ended or differential signals. The device
has an on-chip 2.5-V reference that can be disabled when an external reference is preferred. If the internal ADC
reference is to be used elsewhere in the system, the output must first be buffered. The various monitored and
uncommitted input signals are multiplexed into the ADC. The secondary ADC is a part of the temperature-
sensing function that converts the analog temperature signals.
ANALOG INPUTS
The device has 16 uncommitted analog inputs; 12 of these inputs (CH4 to CH15) are single-ended. The inputs
for CH0 to CH3 can be configured as four single-ended inputs or two fully-differential channels, depending on the
setup of the ADC channel registers, ADC Channel Register 0 and ADC Channel Register 1. See the Registers
section for details. Figure 80 shows the device equivalent input circuit. The (peak) input current through the
analog inputs depends on the sample rate, input voltage, and source impedance. The current into the device
charges the internal capacitor array during the sample period. After this capacitance is fully charged, there is no
further input current. The source of the analog input voltage must be able to charge the input capacitance to a
12-bit settling level within the acquisition time. When the converter goes into hold mode, the input impedance is
greater than 1 G
Ω.
Figure 80. Equivalent Input Circuit
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com